Moteur de recherche de fiches techniques de composants électroniques |
|
TL082IDRG4 Fiches technique(PDF) 5 Page - Texas Instruments |
|
|
TL082IDRG4 Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 37 page TL081, TL081A, TL081B, TL082, TL082A, TL082B TL084, TL084A, TL084B JFET INPUT OPERATIONAL AMPLIFIERS SLOS081G − FEBRUARY 1977 − REVISED SEPTEMBER 2004 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† TL08_C TL08_AC TL08_BC TL08_I TL084Q TL08_M UNIT Supply voltage, VCC + (see Note 1) 18 18 18 18 V Supply voltage VCC − (see Note 1) −18 −18 −18 −18 V Differential input voltage, VID (see Note 2) ± 30 ± 30 ± 30 ± 30 V Input voltage, VI (see Notes 1 and 3) ±15 ±15 ±15 ±15 V Duration of output short circuit (see Note 4) Unlimited Unlimited Unlimited Unlimited Continuous total power dissipation See Dissipation Rating Table Operating free-air temperature range, TA 0 to 70 − 40 to 85 − 40 to 125 − 55 to 125 °C D package (8-pin) 97 97 D package (14-pin) 86 86 N package (14-pin) 76 76 Package thermal impedance, θJA NS package (14-pin) 80 °C/W Package thermal impedance, θJA (see Notes 5 and 6) P package (8-pin) 85 85 °C/W (see Notes 5 and 6) PS package (8-pin) 95 95 PW package (8-pin) 149 PW package (14-pin) 113 113 Operating virtual junction temperature 150 150 150 150 °C Case temperature for 60 seconds, TC FK package 260 °C Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds J or JG package 300 °C Storage temperature range, Tstg − 65 to 150 − 65 to 150 − 65 to 150 − 65 to 150 °C † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values, except differential voltages, are with respect to the midpoint between VCC + and VCC −. 2. Differential voltages are at IN+ with respect to IN −. 3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less. 4. The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the dissipation rating is not exceeded. 5. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. 6. The package thermal impedance is calculated in accordance with JESD 51-7. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C POWER RATING DERATING FACTOR DERATE ABOVE TA TA = 70°C POWER RATING TA = 85°C POWER RATING TA = 125°C POWER RATING D (14 pin) 680 mW 7.6 mW/ °C 60 °C 604 mW 490 mW 186 mW FK 680 mW 11.0 mW/ °C88°C 680 mW 680 mW 273 mW J 680 mW 11.0 mW/ °C88°C 680 mW 680 mW 273 mW JG 680 mW 8.4 mW/ °C 69 °C 672 mW 546 mW 210 mW |
Numéro de pièce similaire - TL082IDRG4 |
|
Description similaire - TL082IDRG4 |