Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL5580IPE4 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TL5580IPE4
Description  DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL5580IPE4 Fiches technique(HTML) 1 Page - Texas Instruments

  TL5580IPE4 Datasheet HTML 1Page - Texas Instruments TL5580IPE4 Datasheet HTML 2Page - Texas Instruments TL5580IPE4 Datasheet HTML 3Page - Texas Instruments TL5580IPE4 Datasheet HTML 4Page - Texas Instruments TL5580IPE4 Datasheet HTML 5Page - Texas Instruments TL5580IPE4 Datasheet HTML 6Page - Texas Instruments TL5580IPE4 Datasheet HTML 7Page - Texas Instruments TL5580IPE4 Datasheet HTML 8Page - Texas Instruments TL5580IPE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
APPLICATIONS
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
VCC−
VCC+
2OUT
2IN−
2IN+
D, P, OR PW PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
TL5580, TL5580A
DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
SLOS477A – JUNE 2005 – REVISED JULY 2005
Audio
Operating Voltage
…±2 V to ±18 V
Test Equipment
Low Offset Voltage
…1 mV Max at 25°C,
Industrial Process Controls
TL5580A
Data-Acquisition Systems
Wide GBW
…12 MHz Typ
Active Filters
Slew Rate
…5 V/µs Typ
Power-Supply Regulation
Low THD
…0.0005% Typ
Low-Noise Voltage
…7 nV/√Hz at 1 kHz Typ
The TL5580 is a dual bipolar operational amplifier that combines both high dc and ac performance with its low
offset voltage, high-gain bandwidth, low harmonic distortion, and low-noise characteristics. In addition, its output
is capable of driving 600-
Ω loads. All these characteristics make the device ideally suited for use in audio, active
filtering, and industrial measurement applications.
ORDERING INFORMATION
VIO
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
(25
°C, MAX)
PDIP – P
Tube of 50
TL5580IP
TL5580IP
Tube of 75
TL5580ID
SOIC – D
Z5580
Standard grade
Reel of 2500
TL5580IDR
1.5 mV
Tube of 150
TL5580IPW
TSSOP – PW
Z5580
Reel of 2000
TL5580IPWR
–40
°C to 85°C
PDIP – P
Tube of 50
TL5580AIP
TL5580AIP
Tube of 75
TL5580AID
SOIC – D
Z5580A
A grade
Reel of 2500
TL5580AIDR
1 mV
Tube of 150
TL5580AIPW
TSSOP – PW
Z5580A
Reel of 2000
TL5580AIPWR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TL5580IPE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL5580IP TI-TL5580IP Datasheet
252Kb / 12P
[Old version datasheet]   DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
TL5580IPW TI-TL5580IPW Datasheet
252Kb / 12P
[Old version datasheet]   DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
TL5580IPWR TI-TL5580IPWR Datasheet
252Kb / 12P
[Old version datasheet]   DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
More results

Description similaire - TL5580IPE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL5580 TI-TL5580 Datasheet
252Kb / 12P
[Old version datasheet]   DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
logo
RF Micro Devices
RF3867 RFMD-RF3867 Datasheet
164Kb / 8P
   DUAL-CHANNEL, WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3863 RFMD-RF3863 Datasheet
118Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3861 RFMD-RF3861 Datasheet
146Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
logo
Analog Devices
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
logo
Maxim Integrated Produc...
MAX9632_1108 MAXIM-MAX9632_1108 Datasheet
1Mb / 14P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 2; 8/11
logo
Analog Devices
AD8620 AD-AD8620 Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
logo
Maxim Integrated Produc...
MAX9632_1110 MAXIM-MAX9632_1110 Datasheet
2Mb / 15P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 3; 10/11
MAX9632 MAXIM-MAX9632_V01 Datasheet
646Kb / 11P
   36V, Precision, Low-Noise, Wide-Band Amplifier
2014
logo
Knowles Electronics
SPH1642HT5H-1 KNOWLES-SPH1642HT5H-1 Datasheet
3Mb / 7P
   Wide Bandwidth, Low Noise, Precision Top Port SiSonic??Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com