Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD22M3494 Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce CD22M3494
Description  16 x 8 x 1 BiMOS-E Crosspoint Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD22M3494 Fiches technique(HTML) 5 Page - Intersil Corporation

  CD22M3494 Datasheet HTML 1Page - Intersil Corporation CD22M3494 Datasheet HTML 2Page - Intersil Corporation CD22M3494 Datasheet HTML 3Page - Intersil Corporation CD22M3494 Datasheet HTML 4Page - Intersil Corporation CD22M3494 Datasheet HTML 5Page - Intersil Corporation CD22M3494 Datasheet HTML 6Page - Intersil Corporation CD22M3494 Datasheet HTML 7Page - Intersil Corporation CD22M3494 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FN2793.7
January 16, 2006
Setup Time
CS to STROBE
tCS
10
-
-
ns
DATA-IN to STROBE
tDS
10
-
-
ns
ADDRESS to STROBE
tAS
10
-
-
ns
Hold Time
STROBE to CS
tCH
10
-
-
ns
ADDRESS to CS
10
-
-
ns
STROBE to DATA-IN
tDH
20
-
-
ns
STROBE to ADDRESS
tAH
10
-
-
ns
DATA-IN to CS
20
-
-
ns
Pulse Width
STROBE
tSPW
20
-
-
ns
RESET
tRPW
20
-
-
ns
RESET Turn-OFF to Output Delay
tPHZ
-
70
100
ns
NOTES:
2. Operation of VIH at 2.4V or VIL at 0.8V will result in much higher supply current (IDD) than for logic inputs equal to VDD or VSS respectively.
3. Reset IIH < 20µA, Reset = VIH.
4. At 25
°C Limit is ±100nA.
Electrical Specifications
TA = 25°C, VSS = 0V, VEE = 0V, VDD = 14V, RL = 1kΩ || 50pF, Unless Otherwise Specified. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
CD22M3494


Numéro de pièce similaire - CD22M3494

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Intersil Corporation
CD22M3494E INTERSIL-CD22M3494E Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494E INTERSIL-CD22M3494E Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494EZ INTERSIL-CD22M3494EZ Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
More results

Description similaire - CD22M3494

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494MQZ96 INTERSIL-CD22M3494MQZ96 Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Intersil Corporation
CD22M3493 INTERSIL-CD22M3493 Datasheet
37Kb / 6P
   12 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
logo
Analog Devices
AD75019 AD-AD75019 Datasheet
72Kb / 4P
   16 x 16 Crosspoint Switch Array
REV. C
ADV3224 AD-ADV3224 Datasheet
670Kb / 24P
   750 MHz, 16 x 8 Analog Crosspoint Switch
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Texas Instruments
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
   11.5 Gbps 8 x 8 Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com