Moteur de recherche de fiches techniques de composants électroniques |
|
CA3304AE Fiches technique(PDF) 2 Page - Intersil Corporation |
|
CA3304AE Fiches technique(HTML) 2 Page - Intersil Corporation |
2 / 12 page 2 Absolute Maximum Ratings Thermal Information DC Supply Voltage Range (VDD or VAA+) (Voltage Referenced to VSS or VAA- Terminal, Whichever is More Negative) . . . . . . . . . . . . . . . . . . -0.5V to +8V Input Voltage Range CE1, CE2 Inputs . . . . . . . . . . . . . . . . . . . VSS -0.5V to VDD +0.5V Clock, VREF+, VREF-, VIN Inputs . . . . . VAA- -0.5V to VAA- +0.5V DC Input Current, Any Input . . . . . . . . . . . . . . . . . . . . . . . . . ±20mA Operating Conditions Recommended Supply Voltage Range (VDD or VAA+). . . . .3V to 7.5V Recommended VAA+ Voltage Range. . . . . . VDD -1V to VDD +2.5V Recommended VAA- Voltage Range . . . . . . . VSS -2.5V to VSS +1V Operating Temperature CA3304D . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC CA3304E, CA3304M. . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC Thermal Resistance (Typical, Note 1) θJA (oC/W) θJC (oC/W) SBDIP Package. . . . . . . . . . . . . . . . . . . . 80 22 PDIP Package . . . . . . . . . . . . . . . . . . . . . 90 N/A SOIC Package. . . . . . . . . . . . . . . . . . . . . 100 N/A Maximum Junction Temperature Ceramic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175oC Plastic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150oC Maximum Storage Temperature Range (TSTG) . . . -65 oC to 150oC Maximum Lead Temperature (Soldering 10s). . . . . . . . . . . . . 300oC (SOIC - Lead Tips Only) CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTE: 1. θJA is measured with the component mounted on an evaluation PC board in free air. Electrical Specifications TA = 25 oC, V REF+ = 2V, VDD = VAA+ = 5V, VAA- = VREF - = VSS = GND, fCLK = 25MHz Unless Otherwise Specified PARAMETER TEST CONDITIONS MIN TYP MAX UNITS SYSTEM PERFORMANCE Resolution 4- - Bits Input Errors Integral Linearity Error CA3304A - ±0.1 ±0.125 LSB CA3304 - ±0.125 ±0.25 LSB Differential Linearity Error CA3304A - ±0.1 ±0.125 LSB CA3304 - ±0.125 ±0.25 LSB Offset Error (Unadjusted) CA3304A - - ±0.75 LSB CA3304 - - ±1.0 LSB Gain Error (Unadjusted) CA3304A - - ±0.75 LSB CA3304 - - ±1.0 LSB DYNAMIC CHARACTERISTICS (Input Signal Level 0.5dB Below Full Scale) Conversion Timing Aperture Delay - 3 - ns Signal to Noise Ratio, SNR RMS Signal RMS Noise fS = 25MHz, fIN = 100kHz - 23.7 - dB fS = 25MHz, fIN = 5MHz - 23.6 - dB Signal to Noise Ratio, SINAD RMS Signal RMS Noise + Distortion fS = 25MHz, fIN = 100kHz - 23.4 - dB fS = 25MHz, fIN = 5MHz - 22.8 - dB Total Harmonic Distortion, THD fS = 25MHz, fIN = 100kHz - -34.5 - dBc fS = 25MHz, fIN = 5MHz - -31.0 - dBc Effective Number of Bits, ENOB fS = 25MHz, fIN = 100kHz - 3.67 - Bits fS = 25MHz, fIN = 5MHz - 3.57 - Bits ANALOG INPUTS Input Range Full Scale Input Range (Notes 1, 4) 0.5 - VAA V Input Loading Input Capacitance - 10 - pF Input Current VIN = 2V (Note 2) - 150 200 µA = = CA3304, CA3304A |
Numéro de pièce similaire - CA3304AE |
|
Description similaire - CA3304AE |