Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA3140AMZ Fiches technique(PDF) 11 Page - Intersil Corporation

No de pièce CA3140AMZ
Description  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3140AMZ Fiches technique(HTML) 11 Page - Intersil Corporation

Back Button CA3140AMZ Datasheet HTML 7Page - Intersil Corporation CA3140AMZ Datasheet HTML 8Page - Intersil Corporation CA3140AMZ Datasheet HTML 9Page - Intersil Corporation CA3140AMZ Datasheet HTML 10Page - Intersil Corporation CA3140AMZ Datasheet HTML 11Page - Intersil Corporation CA3140AMZ Datasheet HTML 12Page - Intersil Corporation CA3140AMZ Datasheet HTML 13Page - Intersil Corporation CA3140AMZ Datasheet HTML 14Page - Intersil Corporation CA3140AMZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
FN957.10
July 11, 2005
FIGURE 10A. CIRCUIT
Top Trace: Output at junction of 2.7
Ω and 51Ω resistors;
5V/Div., 500ms/Div.
Center Trace: External output of triangular function generator;
2V/Div., 500ms/Div.
Bottom Trace: Output of “Log” generator; 10V/Div., 500ms/Div.
FIGURE 10B. FIGURE FUNCTION GENERATOR SWEEPING
1V/Div., 1s/Div.
Three tone test signals, highest frequency
≥0.5MHz. Note the slight
asymmetry at the three second/cycle signal. This asymmetry is due to
slightly different positive and negative integration from the CA3080A
and from the PC board and component leakages at the 100pA level.
FIGURE 10C. FUNCTION GENERATOR WITH FIXED
FREQUENCIES
FIGURE 10D. INTERCONNECTIONS
FIGURE 10. FUNCTION GENERATOR
0.1
µF
1N914
6
7
4
2
3
0.1
µF
5.1k
10k
2.7k
6
7
4
2
5
-15V
13k
+15V
CENTERING
10k
-15V
910k
62k
11k
10k
EXTERNAL
OUTPUT
11k
HIGH
FREQUENCY
LEVEL
7-60pF
EXTERNAL
OUTPUT
TO OUTPUT
AMPLIFIER
OUTPUT
AMPLIFIER
TO
SINE WAVE
SHAPER
2k
FREQUENCY
ADJUSTMENT
HIGH
FREQ.
SHAPE
SYMMETRY
THIS NETWORK IS USED WHEN THE
OPTIONAL BUFFER CIRCUIT IS NOT USED
-15V
+15V
10k
120
39k
100k
3
6
3
2
4
7
7.5k
+15V
+15V
15k
360
360
2M
7-60
pF
-15V
-15V
+15V
51
pF
+
CA3080A
-
CA3140
CA3080
+
-
+
-
5
-15V
FROM BUFFER METER
DRIVER (OPTIONAL)
FREQUENCY
ADJUSTMENT
METER DRIVER
AND BUFFER
AMPLIFIER
FUNCTION
GENERATOR
SINE WAVE
SHAPER
M
POWER
SUPPLY
±15V
-15V
+15V
DC LEVEL
ADJUST
51
WIDEBAND
LINE DRIVER
SWEEP
GENERATOR
GATE
SWEEP
V-
SWEEP
LENGTH
EXTERNAL
INPUT
OFF
V-
COARSE
RATE
FINE
RATE
EXT.
INT.
CA3140, CA3140A


Numéro de pièce similaire - CA3140AMZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
CA3140AMZ RENESAS-CA3140AMZ Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3140AMZ96 RENESAS-CA3140AMZ96 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results

Description similaire - CA3140AMZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com