Moteur de recherche de fiches techniques de composants électroniques |
|
REF102 Fiches technique(PDF) 2 Page - Burr-Brown (TI) |
|
|
REF102 Fiches technique(HTML) 2 Page - Burr-Brown (TI) |
2 / 15 page REF102 2 SBVS022A www.ti.com SPECIFIED MAX INITIAL MAX DRIFT PACKAGE TEMPERATURE PACKAGE ORDERING TRANSPORT PRODUCT ERROR (mV) (PPM/ °C) PACKAGE-LEAD DESIGNATOR RANGE MARKING NUMBER MEDIA, QUANTITY REF102AU ±10 ±10 SO-8 D –25 °C to +85°C REF102AU REF102AU Tube, 100 " ±10 ±10 SO-8 D " REF102AU/2K5 REF102AU/2K5 Tape and Reel, 2500 REF102AP ±10 ±10 DIP-8 P " REF102AP REF102AP Tube, 50 REF102BU ±5 ±5 SO-8 D " REF102BU REF102BU Tube, 100 " ±5 ±5 SO-8 D " REF102BU/2K5 REF102BU/2K5 Tape and Reel, 2500 REF102BP ±5 ±5 DIP-8 P " REF102BP REF102BP Tube, 50 REF102CU ±2.5 ±2.5 SO-8 D " REF102CU REF102CU Tube, 100 " ±2.5 ±2.5 SO-8 D " REF102CU/2K5 REF102CU/2K5 Tape and Reel, 2500 REF102CP ±2.5 ±2.5 DIP-8 P " REF102CP REF102CP Tube, 50 PIN CONFIGURATIONS Top View DIP, SO Input Voltage ...................................................................................... +40V Operating Temperature P, U ................................................................................. –25 °C to +85°C Storage Temperature Range P, U ............................................................................... –40 °C to +125°C Lead Temperature (soldering, 10s) ............................................... +300 °C (SO, 3s) ........................................................... +260 °C Short-Circuit Protection to Common or V+ .............................. Continuous NOTE: (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. ABSOLUTE MAXIMUM RATINGS(1) ELECTROSTATIC DISCHARGE SENSITIVITY This integrated circuit can be damaged by ESD. Texas Instru- ments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. PACKAGE/ORDERING INFORMATION(1) NOTE: (1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet. 8 7 6 5 1 2 3 4 NC = Not Connected Noise Reduction NC V OUT Trim NC V+ Com NC |
Numéro de pièce similaire - REF102_07 |
|
Description similaire - REF102_07 |