Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM336DR-2-5 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM336DR-2-5
Description  2.5V INTEGRATED REFERENCE CIRCUITS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM336DR-2-5 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button LM336DR-2-5 Datasheet HTML 3Page - Texas Instruments LM336DR-2-5 Datasheet HTML 4Page - Texas Instruments LM336DR-2-5 Datasheet HTML 5Page - Texas Instruments LM336DR-2-5 Datasheet HTML 6Page - Texas Instruments LM336DR-2-5 Datasheet HTML 7Page - Texas Instruments LM336DR-2-5 Datasheet HTML 8Page - Texas Instruments LM336DR-2-5 Datasheet HTML 9Page - Texas Instruments LM336DR-2-5 Datasheet HTML 10Page - Texas Instruments LM336DR-2-5 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MECHANICAL DATA
MSOT002A – OCTOBER 1994 – REVISED NOVEMBER 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
LP (O-PBCY-W3)
PLASTIC CYLINDRICAL PACKAGE
4040001-2 /C 10/01
STRAIGHT LEAD OPTION
0.016 (0,41)
0.014 (0,35)
0.157 (4,00) MAX
FORMED LEAD OPTION
0.104 (2,65)
0.210 (5,34)
0.170 (4,32)
0.050 (1,27)
0.016 (0,41)
0.022 (0,56)
0.500 (12,70) MIN
Seating
Plane
0.175 (4,44)
0.205 (5,21)
0.165 (4,19)
0.125 (3,17)
DIA
D
C
0.105 (2,67)
0.095 (2,41)
0.135 (3,43) MIN
0.080 (2,03)
0.055 (1,40)
0.045 (1,14)
1
0.105 (2,67)
23
0.080 (2,03)
0.105 (2,67)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Lead dimensions are not controlled within this area
D. FAlls within JEDEC TO -226 Variation AA (TO-226 replaces TO-92)
E. Shipping Method:
Straight lead option available in bulk pack only.
Formed lead option available in tape & reel or ammo pack.


Numéro de pièce similaire - LM336DR-2-5

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM336DR-2-5 TI-LM336DR-2-5 Datasheet
95Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
LM336DR-2-5 TI1-LM336DR-2-5 Datasheet
449Kb / 15P
[Old version datasheet]   2.5V INTERGRATED REFERENCE CIRCUITS
LM336DR-2-5 TI1-LM336DR-2-5 Datasheet
565Kb / 16P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
More results

Description similaire - LM336DR-2-5

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM236-2.5 TI1-LM236-2.5_16 Datasheet
449Kb / 15P
[Old version datasheet]   2.5V INTERGRATED REFERENCE CIRCUITS
logo
Linear Technology
LT1009 LINER-LT1009 Datasheet
140Kb / 8P
   2.5V Reference
RH1009 LINER-RH1009 Datasheet
125Kb / 2P
   2.5V Reference
LM136-2.5 LINER-LM136-2.5_15 Datasheet
137Kb / 4P
   2.5V Reference
LT1009 LINER-LT1009_05 Datasheet
119Kb / 8P
   2.5V Reference
LM136-2.5 LINER-LM136-2.5 Datasheet
131Kb / 4P
   2.5V Reference
LM336-2.5 LINER-LM336-2.5_15 Datasheet
137Kb / 4P
   2.5V Reference
LT1009 LINER-LT1009_15 Datasheet
123Kb / 8P
   2.5V Reference
logo
Linear Integrated Syste...
LT1009MH LINEAR-LT1009MH Datasheet
105Kb / 8P
   2.5V Reference
logo
Linear Technology
RH1009 LINER-RH1009_15 Datasheet
60Kb / 2P
   2.5V Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com