Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TNY266P Fiches technique(PDF) 2 Page - Power Integrations, Inc.

No de pièce TNY266P
Description  3.6W Cell Phone Charger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWERINT [Power Integrations, Inc.]
Site Internet  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY266P Fiches technique(HTML) 2 Page - Power Integrations, Inc.

  TNY266P Datasheet HTML 1Page - Power Integrations, Inc. TNY266P Datasheet HTML 2Page - Power Integrations, Inc. TNY266P Datasheet HTML 3Page - Power Integrations, Inc. TNY266P Datasheet HTML 4Page - Power Integrations, Inc. TNY266P Datasheet HTML 5Page - Power Integrations, Inc. TNY266P Datasheet HTML 6Page - Power Integrations, Inc. TNY266P Datasheet HTML 7Page - Power Integrations, Inc. TNY266P Datasheet HTML 8Page - Power Integrations, Inc. TNY266P Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DER-6
3.6W Cell Phone Charger
February 4, 2004
Page 2 of 17
Power Integrations
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com
Table Of Contents
1
Introduction................................................................................................................. 3
2
Power Supply Specifications ...................................................................................... 3
3
Schematic................................................................................................................... 4
4
PCB Layout ................................................................................................................ 4
5
Bill of Material............................................................................................................. 5
6
Power Supply Performance........................................................................................ 6
6.1
Output Characteristic........................................................................................... 6
6.1.1
V-I curve at different Input Voltages ............................................................. 6
6.1.2
V-I Curve at Different Temperatures ............................................................ 7
6.2
Efficiency............................................................................................................. 7
6.2.1
Efficiency vs. Input voltage........................................................................... 7
6.2.2
Efficiency vs. Output current ........................................................................ 8
6.3
Output Ripple. ..................................................................................................... 8
6.4
Transient Load Response ................................................................................... 9
6.5
No load power consumption................................................................................ 9
7
Conducted EMI Measurement.................................................................................. 10
8
Transformer Design.................................................................................................. 12
8.1
Transformer Winding......................................................................................... 12
8.2
Electrical Specifications..................................................................................... 12
8.3
Materials............................................................................................................ 12
8.4
Transformer Construction.................................................................................. 13
8.5
Winding Instructions .......................................................................................... 14
9
Revision History ....................................................................................................... 15
Important Notes:
Although this board is designed to satisfy safety isolation requirements, the engineering
prototype has not been agency approved. Therefore, all testing should be performed
using an isolation transformer to provide the AC input to the prototype board.
Design Reports contain a power supply design specification, schematic, bill of materials,
and transformer documentation. Performance data and typical operation characteristics
are included. Typically only a single prototype has been built.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
TNY264P_1 2.4W Cell Phone Charger 1  2  3  4  5  More Power Integrations, Inc.
LTC4100 Smart Battery Charger Controller 1  2  3  4  5  More Linear Technology
AAT3689 0.5A/1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger 1  2  3  4  5  More Advanced Analogic Technologies
D312F Fixed Inductors for Cellular Phone 1  TOKO, Inc
RA03M8894M 889-941MHz 3.6W 7.2V 2 Stage Amp. For PORTABLE RADIO 1  2  3  4  5  More Mitsubishi Electric Semiconductor
A8439 Photoflash Capacitor Charger with IGBT Driver and Refresh 1  2  3  4  5  More Allegro MicroSystems
AAT3690 1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger 1  2  3  4  5  More Advanced Analogic Technologies
D412C Fixed Inductors for Cellular Phone 1  TOKO, Inc
UCC3958-1 Single Cell Lithium-Ion Battery Protection Circuit 1  2  3  4  5  More Texas Instruments
SI9731 UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries 1  2  3  4  5  More Vishay Siliconix

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn