Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TNY266P Fiches technique(PDF) 1 Page - Power Integrations, Inc.

No de pièce TNY266P
Description  3.6W Cell Phone Charger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWERINT [Power Integrations, Inc.]
Site Internet  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY266P Fiches technique(HTML) 1 Page - Power Integrations, Inc.

  TNY266P Datasheet HTML 1Page - Power Integrations, Inc. TNY266P Datasheet HTML 2Page - Power Integrations, Inc. TNY266P Datasheet HTML 3Page - Power Integrations, Inc. TNY266P Datasheet HTML 4Page - Power Integrations, Inc. TNY266P Datasheet HTML 5Page - Power Integrations, Inc. TNY266P Datasheet HTML 6Page - Power Integrations, Inc. TNY266P Datasheet HTML 7Page - Power Integrations, Inc. TNY266P Datasheet HTML 8Page - Power Integrations, Inc. TNY266P Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Power Integrations
5245 Hellyer Avenue, San Jose, CA 95138 USA.
Applications Hotline: Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com
Design Example Report
Title
3.6W Charger using TNY266P
Specification
Input: 85 – 264 VAC
Output: 5.1V / 700mA
Application
Cell Phone Charger
Author
Power Integrations Applications Department
Document
Number
DER-6
Date
February 4, 2004
Revision
1.0
Summary and Features
Low Cost CVCC charger
Low Parts Count
Meets EMI with no Y-capacitor
No load power consumption < 300 mW @ 230 Vac
The products and applications illustrated herein (including circuits external to the products and transformer
construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign
patent applications assigned to Power Integrations. A complete list of Power Integrations’ patents may be found at
www.powerint.com


Numéro de pièce similaire - TNY266P

FabricantNo de pièceFiches techniqueDescription
logo
Power Integrations, Inc...
TNY266P POWERINT-TNY266P Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY266P POWERINT-TNY266P Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY266P POWERINT-TNY266P Datasheet
323Kb / 22P
   4.9W DVD power supply
TNY266P POWERINT-TNY266P Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY266P POWERINT-TNY266P Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
More results

Description similaire - TNY266P

FabricantNo de pièceFiches techniqueDescription
logo
Power Integrations, Inc...
LNK500P POWERINT-LNK500P_1 Datasheet
353Kb / 19P
   2.4W Cell Phone Charger
LNK501P POWERINT-LNK501P_1 Datasheet
419Kb / 23P
   2.2W Cell Phone Charger
TNY264P POWERINT-TNY264P_1 Datasheet
391Kb / 20P
   2.4W Cell Phone Charger
logo
SUYIN USA, INC.
200707MB SUYIN-USA-200707MB Datasheet
145Kb / 1P
   CELL PHONE VIBRATOR MALE CONNECTOR
127240FA SUYIN-USA-127240FA Datasheet
116Kb / 1P
   CELL PHONE VIBRATOR FEMALE CONNECTOR
logo
Sanyo Semicon Device
LV5219LG SANYO-LV5219LG Datasheet
473Kb / 65P
   For cell phone LED driver
logo
Allegro MicroSystems
A8437 ALLEGRO-A8437 Datasheet
635Kb / 21P
   Mobile Phone Xenon Photoflash Capacitor Charger
logo
Maxim Integrated Produc...
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
logo
Sanyo Semicon Device
LV5105FN SANYO-LV5105FN Datasheet
161Kb / 9P
   For cell phone system Power supply
logo
Linear Technology
LTC3226 LINER-LTC3226_12 Datasheet
233Kb / 16P
   2-Cell Supercapacitor Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com