Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TNY266P Fiches technique(PDF) 3 Page - Power Integrations, Inc.

No de pièce TNY266P
Description  3.6W Cell Phone Charger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWERINT [Power Integrations, Inc.]
Site Internet  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY266P Fiches technique(HTML) 3 Page - Power Integrations, Inc.

  TNY266P Datasheet HTML 1Page - Power Integrations, Inc. TNY266P Datasheet HTML 2Page - Power Integrations, Inc. TNY266P Datasheet HTML 3Page - Power Integrations, Inc. TNY266P Datasheet HTML 4Page - Power Integrations, Inc. TNY266P Datasheet HTML 5Page - Power Integrations, Inc. TNY266P Datasheet HTML 6Page - Power Integrations, Inc. TNY266P Datasheet HTML 7Page - Power Integrations, Inc. TNY266P Datasheet HTML 8Page - Power Integrations, Inc. TNY266P Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DER-6
3.6W Cell Phone Charger
February 4, 2004
Page 3 of 17
Power Integrations
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com
Introduction.
This document describes the design for a 5.1V 700mA battery charger. The design is
implemented using a TNY266 controller with an EF16 transformer in a flyback topology.
This report includes the design specifications, performance, transformer design, and bill
of materials.
1
Power Supply Specifications
The following table shows the supply specifications.
Description
Symbol
Min
Typ
Max
Units
Comment
Input
Voltage
VIN
85
264
VAC
2 wire, no protective earth
Frequency
fLINE
50/60
Hz
Output
Output Voltage
VOUT
5
5.2
V
Output Ripple Voltage
VRIPPLE
60
mV
20 MHz Bandwidth
Output Current
IOUT
650
700
750
A
Total Output Power
Continuous Output Power
POUT
3.64
W
Ambient Temperature
TAMB
0
50
oC
Free convection, Sea level


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
TNY264P_1 2.4W Cell Phone Charger 1  2  3  4  5  More Power Integrations, Inc.
LTC4100 Smart Battery Charger Controller 1  2  3  4  5  More Linear Technology
AAT3689 0.5A/1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger 1  2  3  4  5  More Advanced Analogic Technologies
D312F Fixed Inductors for Cellular Phone 1  TOKO, Inc
RA03M8894M 889-941MHz 3.6W 7.2V 2 Stage Amp. For PORTABLE RADIO 1  2  3  4  5  More Mitsubishi Electric Semiconductor
A8439 Photoflash Capacitor Charger with IGBT Driver and Refresh 1  2  3  4  5  More Allegro MicroSystems
AAT3690 1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger 1  2  3  4  5  More Advanced Analogic Technologies
D412C Fixed Inductors for Cellular Phone 1  TOKO, Inc
UCC3958-1 Single Cell Lithium-Ion Battery Protection Circuit 1  2  3  4  5  More Texas Instruments
SI9731 UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries 1  2  3  4  5  More Vishay Siliconix

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn