Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HEF40160B Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce HEF40160B
Description  4-bit synchronous decade counter with asynchronous reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF40160B Fiches technique(HTML) 5 Page - NXP Semiconductors

  HEF40160B Datasheet HTML 1Page - NXP Semiconductors HEF40160B Datasheet HTML 2Page - NXP Semiconductors HEF40160B Datasheet HTML 3Page - NXP Semiconductors HEF40160B Datasheet HTML 4Page - NXP Semiconductors HEF40160B Datasheet HTML 5Page - NXP Semiconductors HEF40160B Datasheet HTML 6Page - NXP Semiconductors HEF40160B Datasheet HTML 7Page - NXP Semiconductors HEF40160B Datasheet HTML 8Page - NXP Semiconductors HEF40160B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
January 1995
5
Philips Semiconductors
Product specification
4-bit synchronous decade counter with
asynchronous reset
HEF40160B
MSI
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; input transition times ≤ 20 ns
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
1 200 fi +∑ (foCL) × VDD2
where
dissipation per
10
5 600 fi +∑ (foCL) × VDD2
fi = input freq. (MHz)
package (P)
15
16 000 fi +∑ (foCL) × VDD2
fo = output freq. (MHz)
CL = load capacitance (pF)
∑ (f
oCL) = sum of outputs
VDD = supply voltage (V)
VDD
V
SYMBOL
MIN.
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
CP
→ On
5
110
220
ns
83 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
45
90
ns
34 ns
+ (0,23 ns/pF) CL
15
30
60
ns
22 ns
+ (0,16 ns/pF) CL
5
115
230
ns
88 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
45
95
ns
34 ns
+ (0,23 ns/pF) CL
15
35
65
ns
27 ns
+ (0,16 ns/pF) CL
CP
→ TC
5
130
260
ns
103 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
55
105
ns
44 ns
+ (0,23 ns/pF) CL
15
35
75
ns
27 ns
+ (0,16 ns/pF) CL
5
140
280
ns
113 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
55
115
ns
44 ns
+ (0,23 ns/pF) CL
15
40
80
ns
32 ns
+ (0,16 ns/pF) CL
CET
→ TC
5
105
210
ns
78 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
50
100
ns
39 ns
+ (0,23 ns/pF) CL
15
35
75
ns
27 ns
+ (0,16 ns/pF) CL
5
90
185
ns
63 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
35
70
ns
24 ns
+ (0,23 ns/pF) CL
15
25
50
ns
17 ns
+ (0,16 ns/pF) CL
MR
→ On
5
120
245
ns
93 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
50
100
ns
39 ns
+ (0,23 ns/pF) CL
15
35
70
ns
27 ns
+ (0,16 ns/pF) CL
MR
→ TC
5
145
295
ns
118 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
60
120
ns
49 ns
+ (0,23 ns/pF) CL
15
45
85
ns
37 ns
+ (0,16 ns/pF) CL


Numéro de pièce similaire - HEF40160B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
HEF40161 PHILIPS-HEF40161 Datasheet
152Kb / 10P
   4-bit synchronous binary counter with asynchronous reset
January 1995
HEF40161B PHILIPS-HEF40161B Datasheet
152Kb / 10P
   4-bit synchronous binary counter with asynchronous reset
January 1995
HEF40161BD PHILIPS-HEF40161BD Datasheet
152Kb / 10P
   4-bit synchronous binary counter with asynchronous reset
January 1995
HEF40161BF PHILIPS-HEF40161BF Datasheet
152Kb / 10P
   4-bit synchronous binary counter with asynchronous reset
January 1995
HEF40161BN PHILIPS-HEF40161BN Datasheet
152Kb / 10P
   4-bit synchronous binary counter with asynchronous reset
January 1995
More results

Description similaire - HEF40160B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
HEF40162B PHILIPS-HEF40162B Datasheet
166Kb / 10P
   4-bit synchronous decade counter with synchronous reset
January 1995
logo
Nexperia B.V. All right...
74HC160 NEXPERIA-74HC160 Datasheet
256Kb / 15P
   Presettable synchronous BCD decade counter; asynchronous reset
Rev. 4 - 27 March 2019
logo
NXP Semiconductors
74HC160 PHILIPS-74HC160 Datasheet
63Kb / 9P
   Presettable synchronous BCD decade counter; asynchronous reset
December 1990
HEF40161B PHILIPS-HEF40161B Datasheet
152Kb / 10P
   4-bit synchronous binary counter with asynchronous reset
January 1995
logo
National Semiconductor ...
74HC160 NSC-74HC160 Datasheet
148Kb / 6P
   Synchronous Decade Counter with Asynchronous Clear
logo
NXP Semiconductors
74HC161 PHILIPS-74HC161 Datasheet
83Kb / 12P
   Presettable synchronous 4-bit binary counter; asynchronous reset
December 1990
74LV161 PHILIPS-74LV161 Datasheet
148Kb / 16P
   Presettable synchronous 4-bit binary counter; asynchronous reset
1997 May 15
logo
Nexperia B.V. All right...
74HC161-Q100 NEXPERIA-74HC161-Q100 Datasheet
272Kb / 17P
   Presettable synchronous 4-bit binary counter; asynchronous reset
74HC161 NEXPERIA-74HC161 Datasheet
279Kb / 17P
   Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 5 - 16 March 2021
logo
NXP Semiconductors
74LVC161 PHILIPS-74LVC161 Datasheet
118Kb / 14P
   Presettable synchronous 4-bit binary counter; asynchronous reset
1998 May 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com