Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

K5-S Fiches technique(PDF) 4 Page - Mitsumi Electronics, Corp.

No de pièce K5-S
Description  Adjustable Type Coils
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUMI [Mitsumi Electronics, Corp.]
Site Internet  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

K5-S Fiches technique(HTML) 4 Page - Mitsumi Electronics, Corp.

  K5-S Datasheet HTML 1Page - Mitsumi Electronics, Corp. K5-S Datasheet HTML 2Page - Mitsumi Electronics, Corp. K5-S Datasheet HTML 3Page - Mitsumi Electronics, Corp. K5-S Datasheet HTML 4Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MITSUMI
(1) Inductance
(2) Operational frequency
(3) Variable range of F & L
(4) Internal capacitance
(5) Unloaded Q
Specifications
(1) 1~40mH
(2) 0.1~1MHz
(3) F:±2%
L:±5%
(4) -
(5) 50~140
K7-T3
K7-H5(K7-H6)
Specifications
(1) 1~1000µH
(2) 0.1~20MHz
(3) F:±3%
L:±6%
(4) 10~18000pF
(5) 50~140
K7-J
Specifications
(1) 1~40mH
(2) 10~300kHz
(3) L:±6%
(4) -
(5) 40~70
K7-J5
Specifications
(1) 1~40mH
(2) 10~300kHz
(3) F:±3%
L:±6%
(4) 10~18000pF
(5) 40~70


Numéro de pièce similaire - K5-S

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
K5-BW1 MINI-K5-BW1 Datasheet
280Kb / 1P
   FIXED ATTENUATORS
K5-BW2 MINI-K5-BW2 Datasheet
292Kb / 1P
   FIXED ATTENUATORS
K5-GALI MINI-K5-GALI Datasheet
145Kb / 1P
   AMPLIFIERS
K5-GALI++ MINI-K5-GALI+ Datasheet
145Kb / 1P
   AMPLIFIERS
K5-LFCN MINI-K5-LFCN Datasheet
276Kb / 1P
   LOW PASS FILTERS
More results

Description similaire - K5-S

FabricantNo de pièceFiches techniqueDescription
logo
Mitsumi Electronics, Co...
M5-S2 MITSUMI-M5-S2 Datasheet
160Kb / 4P
   Adjustable Type Coils
logo
List of Unclassifed Man...
9106 ETC1-9106 Datasheet
127Kb / 1P
   SHIELDED ADJUSTABLE RF COILS
logo
Frontier Electronics.
KM721N FRONTIER-KM721N_15 Datasheet
133Kb / 1P
   10mm ADJUSTABLE RF COILS (SHIELDED)
KM51A FRONTIER-KM51A_15 Datasheet
122Kb / 1P
   5mm ADJUSTABLE IFT COILS (SHIELDED)
KM57A FRONTIER-KM57A_15 Datasheet
122Kb / 1P
   5mm ADJUSTABLE IFT COILS (SHIELDED)
KM703N FRONTIER-KM703N_15 Datasheet
134Kb / 1P
   10mm ADJUSTABLE RF COILS (UNSHIELDED)
KM703N FRONTIER-KM703N Datasheet
109Kb / 1P
   10mm Adjustable Unshielded IFT Coils
KS1383N FRONTIER-KS1383N_15 Datasheet
153Kb / 1P
   7mm ADJUSTABLE IFT COILS (II) (SHIELDED)
KM739N FRONTIER-KM739N_15 Datasheet
133Kb / 1P
   10mm ADJUSTABLE RF COILS (III) (SHIELDED)
KS1346N FRONTIER-KS1346N_15 Datasheet
123Kb / 1P
   7mm ADJUSTABLE IFT COILS (I) (SHIELDED)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com