Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FIN1215MTDX_NL Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FIN1215MTDX_NL
Description  LVDS 21-Bit Serializers/De-Serializers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1215MTDX_NL Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FIN1215MTDX_NL Datasheet HTML 1Page - Fairchild Semiconductor FIN1215MTDX_NL Datasheet HTML 2Page - Fairchild Semiconductor FIN1215MTDX_NL Datasheet HTML 3Page - Fairchild Semiconductor FIN1215MTDX_NL Datasheet HTML 4Page - Fairchild Semiconductor FIN1215MTDX_NL Datasheet HTML 5Page - Fairchild Semiconductor FIN1215MTDX_NL Datasheet HTML 6Page - Fairchild Semiconductor FIN1215MTDX_NL Datasheet HTML 7Page - Fairchild Semiconductor FIN1215MTDX_NL Datasheet HTML 8Page - Fairchild Semiconductor FIN1215MTDX_NL Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
www.fairchildsemi.com
Truth Tables
Transmitter Truth Table
H
HIGH Logic Level
L
LOW Logic Level
X
Don’t Care
Z
High Impedance
F
Floating
Note 2: The outputs of the transmitter or receiver will remain in a High Impedance state until VCC reaches 2V.
Note 3: TxCLKOut
r will settle at a free running frequency when the part is powered up, PwrDn is HIGH and the TxCLKIn is a steady logic level (L/H/Z).
Receiver Truth Table
H
HIGH Logic Level
L
LOW Logic Level
P
Last Valid State
X
Don’t Care
Z
High Impedance
F
Failsafe Condition
Note 4: The outputs of the transmitter or receiver will remain in a High Impedance state until VCC reaches 2V.
Note 5: Failsafe condition is defined as the input being terminated and un-driven (Z) or shorted or open.
Note 6: If RxCLKIn
r is removed prior to the RxInr data being removed, RxOut will be the last valid state. If RxInr data is removed prior to RxCLKInr being
removed, RxOut will be HIGH.
Inputs
Outputs
TxIn
TxCLKIn
PwrDn (Note 2)
TxOut
r
TxCLKOut
r
Active
Active
H
L/H
L/H
Active
L/H/Z
H
L/H
X (Note 3)
FActive
H
L
L/H
F
F
H
L
X (Note 3)
XX
L
Z
Z
Inputs
Outputs
RxIn
r
RxCLKIn
r
PwrDn (Note 4)
RxOut
RxCLKOut
Active
Active
H
L/H
L/H
Active
F (Note 5)
H
P
H
F (Note 5)
Active
H
H
L/H
F (Note 5)
F (Note 5)
H
P (Note 6)
H
XX
L
L
H


Numéro de pièce similaire - FIN1215MTDX_NL

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FIN1215MTDX FAIRCHILD-FIN1215MTDX Datasheet
702Kb / 20P
   LVDS 21-Bit Serializers / De-Serializers
logo
ON Semiconductor
FIN1215MTDX ONSEMI-FIN1215MTDX Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
More results

Description similaire - FIN1215MTDX_NL

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FIN1215MTDX FAIRCHILD-FIN1215MTDX Datasheet
702Kb / 20P
   LVDS 21-Bit Serializers / De-Serializers
logo
ON Semiconductor
FIN1215 ONSEMI-FIN1215 Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1218 FAIRCHILD-FIN1218 Datasheet
434Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
logo
Maxim Integrated Produc...
MAX9205 MAXIM-MAX9205_10 Datasheet
320Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 1; 11/10
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9209_0710 MAXIM-MAX9209_0710 Datasheet
321Kb / 21P
   Programmable DC-Balanced 21-Bit Serializers
Rev 4; 10/07
MAX9205 MAXIM-MAX9205_14 Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
MAX9209 MAXIM-MAX9209 Datasheet
477Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 2; 2/04
MAX9209 MAXIM-MAX9209_07 Datasheet
319Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 3; 6/07
MAX9209 MAXIM-MAX9209_12 Datasheet
597Kb / 18P
   Programmable DC-Balanced 21-Bit Serializers
Rev 5; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com