Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

C3-K Fiches technique(PDF) 6 Page - Mitsumi Electronics, Corp.

No de pièce C3-K
Description  Power Inductors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUMI [Mitsumi Electronics, Corp.]
Site Internet  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

C3-K Fiches technique(HTML) 6 Page - Mitsumi Electronics, Corp.

Back Button C3-K Datasheet HTML 2Page - Mitsumi Electronics, Corp. C3-K Datasheet HTML 3Page - Mitsumi Electronics, Corp. C3-K Datasheet HTML 4Page - Mitsumi Electronics, Corp. C3-K Datasheet HTML 5Page - Mitsumi Electronics, Corp. C3-K Datasheet HTML 6Page - Mitsumi Electronics, Corp. C3-K Datasheet HTML 7Page - Mitsumi Electronics, Corp. C3-K Datasheet HTML 8Page - Mitsumi Electronics, Corp. C3-K Datasheet HTML 9Page - Mitsumi Electronics, Corp. C3-K Datasheet HTML 10Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MITSUMI
Power Inductors
DATA LIST (C5-K1.8R Series)
C5-K1.8R (Height : 1.9mm max.)
Inductance
DC Current
SRF
DCR
(A)
Item
Stamp
(MHz)
(m
Ω)
Inductance
Temp.
(µH)
Tolerance
Test Freq.
min.
typ.
-10%
25K
(%)
(kHz)
typ.
typ.
DA
1R0
1.0
±30
1kHz
-
25
3.50
3.10
DC
1R5
1.5
±30
1kHz
-
30
2.70
2.70
DE
2R2
2.2
±30
1kHz
-
35
2.20
2.60
DG
3R3
3.3
±30
1kHz
-
39
2.00
2.40
DH
3R9
3.9
±30
1kHz
-
49
1.75
2.20
DJ
4R7
4.7
±30
1kHz
-
54
1.60
1.90
DK
5R6
5.6
±30
1kHz
-
63
1.50
1.75
DL
6R8
6.8
±30
1kHz
-
68
1.40
1.65
DM
8R2
8.2
±30
1kHz
-
79
1.35
1.55
EA
100
10
±20
1kHz
-
85
1.10
1.45
EB
120
12
±20
1kHz
-
108
0.97
1.30
EC
150
15
±20
1kHz
-
120
0.94
1.20
ED
180
18
±20
1kHz
-
158
0.84
1.05
EE
220
22
±20
1kHz
-
182
0.78
0.97
EF
270
27
±20
1kHz
-
231
0.68
0.82
EG
330
33
±20
1kHz
-
287
0.61
0.77
EH
390
39
±20
1kHz
-
315
0.57
0.73
EJ
470
47
±20
1kHz
-
460
0.52
0.62
EK
560
56
±20
1kHz
-
503
0.47
0.59
EL
680
68
±20
1kHz
-
572
0.41
0.55
EM
820
82
±20
1kHz
-
828
0.37
0.45
FA
101
100
±20
1kHz
-
925
0.35
0.42
FB
121
120
±20
1kHz
-
1030
0.33
0.40
FC
151
150
±20
1kHz
-
1210
0.31
0.38
DATA LIST (C5-K1.8RA Series)
Inductance
DC Current
SRF
DCR
(A)
Item
Stamp
(MHz)
(m
Ω)
Inductance
Temp.
(µH)
Tolerance
Test Freq.
min.
typ.
-10%
25K
(%)
(kHz)
typ.
typ.
DA
1R0
1.0
±30
1kHz
-
25
3.10
3.10
DC
1R5
1.5
±30
1kHz
-
32
2.70
2.70
DE
2R2
2.2
±30
1kHz
-
38
2.50
2.50
DF
2R7
2.7
±30
1kHz
-
44
2.30
2.25
DH
3R9
3.9
±30
1kHz
-
50
2.05
2.05
DJ
4R7
4.7
±30
1kHz
-
56
1.95
1.95
DK
5R6
5.6
±30
1kHz
-
66
1.85
1.80
DL
6R8
6.8
±30
1kHz
-
83
1.65
1.65
DM
8R2
8.2
±30
1kHz
-
98
1.50
1.50
EA
100
10
±20
1kHz
-
115
1.35
1.30
EB
120
12
±20
1kHz
-
130
1.25
1.25
EC
150
15
±20
1kHz
-
155
1.15
1.15
ED
180
18
±20
1kHz
-
174
1.05
1.05
EE
220
22
±20
1kHz
-
229
0.91
0.90
EF
270
27
±20
1kHz
-
282
0.83
0.82
EG
330
33
±20
1kHz
-
353
0.74
0.73
EH
390
39
±20
1kHz
-
450
0.69
0.68
EJ
470
47
±20
1kHz
-
588
0.62
0.60
EK
560
56
±20
1kHz
-
620
0.57
0.55
EL
680
68
±20
1kHz
-
695
0.52
0.50
EM
820
82
±20
1kHz
-
930
0.47
0.45
FA
101
100
±20
1kHz
-
1195
0.42
0.39
FB
121
120
±20
1kHz
-
1331
0.38
0.35
FC
151
150
±20
1kHz
-
1850
0.33
0.30
C5-K1.8RA (Height : 1.9mm max.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
C8-H Power Inductors 1  2  3  4  5  More Mitsumi Electronics, Corp.
VC0513 Medium Power Axial Inductors 1  2  List of Unclassifed Manufacturers
8400-XXX Inductors Surface Mount Drum Core Power Inductors 1  Filtran LTD
8401-XXX Inductors SMT Power Inductors 1  Filtran LTD
8402-XXX Inductors Surface Mount High Current Power Inductors 1  Filtran LTD
8403-XXX Inductors Surface Mount Drum Core Power Inductors 1  Filtran LTD
2N6059_03 SILICON NPN POWER DARLINGTON TRANSISTOR 1  2  3  4  STMicroelectronics
8404-XXX Inductors Surface Mount Drum Core Power Inductors 1  Filtran LTD

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn