Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

C3-K Fiches technique(PDF) 4 Page - Mitsumi Electronics, Corp.

No de pièce C3-K
Description  Power Inductors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUMI [Mitsumi Electronics, Corp.]
Site Internet  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

C3-K Fiches technique(HTML) 4 Page - Mitsumi Electronics, Corp.

  C3-K Datasheet HTML 1Page - Mitsumi Electronics, Corp. C3-K Datasheet HTML 2Page - Mitsumi Electronics, Corp. C3-K Datasheet HTML 3Page - Mitsumi Electronics, Corp. C3-K Datasheet HTML 4Page - Mitsumi Electronics, Corp. C3-K Datasheet HTML 5Page - Mitsumi Electronics, Corp. C3-K Datasheet HTML 6Page - Mitsumi Electronics, Corp. C3-K Datasheet HTML 7Page - Mitsumi Electronics, Corp. C3-K Datasheet HTML 8Page - Mitsumi Electronics, Corp. C3-K Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MITSUMI
Power Inductors
DATA LIST (C4-K1.8R Series)
C4-K1.8R (Height : 1.9mm max.)
Inductance
DC Current
SRF
DCR
(A)
Item
Stamp
(MHz)
(m
Ω)
Inductance
Temp.
(µH)
Tolerance
Test Freq.
min.
typ.
-10%
25K
(%)
(kHz)
typ.
typ.
DA
1R0
1.0
±30
1kHz
-
18
2.40
3.20
DC
1R5
1.5
±30
1kHz
-
23
2.20
2.70
DE
2R2
2.2
±30
1kHz
-
29
2.00
2.40
DF
2R7
2.7
±30
1kHz
-
34
1.80
2.30
DG
3R3
3.3
±30
1kHz
-
39
1.70
2.20
DH
3R9
3.9
±30
1kHz
-
53
1.50
2.10
DJ
4R7
4.7
±30
1kHz
-
57
1.40
1.90
DK
5R6
5.6
±30
1kHz
-
65
1.30
1.80
DL
6R8
6.8
±30
1kHz
-
82
1.20
1.60
DM
8R2
8.2
±30
1kHz
-
95
1.10
1.55
EA
100
10
±20
1kHz
-
110
0.98
1.25
EB
120
12
±20
1kHz
-
117
0.88
1.20
EC
150
15
±20
1kHz
-
165
0.80
1.10
ED
180
18
±20
1kHz
-
185
0.75
1.05
EE
220
22
±20
1kHz
-
212
0.70
1.00
EF
270
27
±20
1kHz
-
288
0.60
0.80
EG
330
33
±20
1kHz
-
345
0.52
0.70
EH
390
39
±20
1kHz
-
487
0.45
0.60
EJ
470
47
±20
1kHz
-
545
0.40
0.55
EK
560
56
±20
1kHz
-
595
0.35
0.53
EL
680
68
±20
1kHz
-
693
0.33
0.50
EM
820
82
±20
1kHz
-
850
0.31
0.45
FA
101
100
±20
1kHz
-
1030
0.29
0.38
FB
121
120
±20
1kHz
-
1260
0.25
0.32
FC
151
150
±20
1kHz
-
1420
0.22
0.30
DATA LIST (C4-K1.8RA Series)
Inductance
DC Current
SRF
DCR
(A)
Item
Stamp
(MHz)
(m
Ω)
Inductance
Temp.
(µH)
Tolerance
Test Freq.
min.
typ.
-10%
25K
(%)
(kHz)
typ.
typ.
DA
1R0
1.0
±30
1kHz
-
22
3.50
2.30
DC
1R5
1.5
±30
1kHz
-
26
3.10
2.10
DD
1R8
1.8
±30
1kHz
-
32
2.80
2.00
DF
2R7
2.7
±30
1kHz
-
39
2.20
1.80
DG
3R3
3.3
±30
1kHz
-
52
2.10
1.50
DH
3R9
3.9
±30
1kHz
-
70
2.00
1.30
DJ
4R7
4.7
±30
1kHz
-
80
1.90
1.20
DK
5R6
5.6
±30
1kHz
-
86
1.70
1.15
DL
6R8
6.8
±30
1kHz
-
97
1.50
1.05
DM
8R2
8.2
±30
1kHz
-
137
1.40
0.90
EA
100
10
±20
1kHz
-
147
1.30
0.82
EB
120
12
±20
1kHz
-
181
1.10
0.71
EC
150
15
±20
1kHz
-
244
0.96
0.59
ED
180
18
±20
1kHz
-
271
0.93
0.56
EE
220
22
±20
1kHz
-
305
0.82
0.50
EF
270
27
±20
1kHz
-
375
0.73
0.44
EG
330
33
±20
1kHz
-
510
0.65
0.42
EH
390
39
±20
1kHz
-
550
0.61
0.38
EJ
470
47
±20
1kHz
-
635
0.57
0.35
EK
560
56
±20
1kHz
-
740
0.51
0.32
EL
680
68
±20
1kHz
-
1110
0.46
0.28
EM
820
82
±20
1kHz
-
1230
0.43
0.26
FA
101
100
±20
1kHz
-
1345
0.41
0.24
FB
121
120
±20
1kHz
-
1550
0.37
0.22
FC
151
150
±20
1kHz
-
2100
0.31
0.19
C4-K1.8RA (Height : 1.9mm max.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
C8-H Power Inductors 1  2  3  4  5  More Mitsumi Electronics, Corp.
VC0513 Medium Power Axial Inductors 1  2  List of Unclassifed Manufacturers
8400-XXX Inductors Surface Mount Drum Core Power Inductors 1  Filtran LTD
8401-XXX Inductors SMT Power Inductors 1  Filtran LTD
8402-XXX Inductors Surface Mount High Current Power Inductors 1  Filtran LTD
8403-XXX Inductors Surface Mount Drum Core Power Inductors 1  Filtran LTD
2N6059_03 SILICON NPN POWER DARLINGTON TRANSISTOR 1  2  3  4  STMicroelectronics
8404-XXX Inductors Surface Mount Drum Core Power Inductors 1  Filtran LTD

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn