Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FCB20N60F Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FCB20N60F
Description  600V N-CHANNEL FRFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCB20N60F Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FCB20N60F Datasheet HTML 1Page - Fairchild Semiconductor FCB20N60F Datasheet HTML 2Page - Fairchild Semiconductor FCB20N60F Datasheet HTML 3Page - Fairchild Semiconductor FCB20N60F Datasheet HTML 4Page - Fairchild Semiconductor FCB20N60F Datasheet HTML 5Page - Fairchild Semiconductor FCB20N60F Datasheet HTML 6Page - Fairchild Semiconductor FCB20N60F Datasheet HTML 7Page - Fairchild Semiconductor FCB20N60F Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.
f
airchildsemi.
com
FCB20N60F Rev.A2
December 2006
SuperFET
TM
FCB20N60F
600V N-CHANNEL FRFET
Features
• 650V @ TJ =150°C
• Typ.Rds(on)=0.
15
• Fast RecoveryType (trr =160ns)
• Ultra low gate charge (typ.Qg=75nC)
• Low ef
f
ective output capacitance (typ.Coss.
ef
f
=165pF)
• 100% avalanche tested
Descri
pti
on
SuperFETTM is,Farichild’
s proprietary,new generation ofhigh
voltage MOSFET f
amily that is utilizing an advanced charge
balance mechanism f
or outstanding low on-resistance and
lower gate charge perf
ormance.
This advanced technology has been tailored
to minimize
conduction loss,provide superior switching perf
ormance,and
withstand extreme dv/
dt rate and higher avalanche energy.
Consequently,SuperFET is very suitable f
or various AC/
DC
power conversion in switching mode operation f
or system
miniaturization and higher ef
f
iciency.
G
S
D
D
G
S
Absol
uteMaxi
m um Rati
ngs
Sym bol
Param eter
FCB20N60F
Uni
t
VDSS
Drain-Source Voltage
600
V
ID
Drain Current
-Continuous(TC =25 C)
-Continuous(TC =100 C)
20
12.
5
A
A
IDM
Drain Current
-Pulsed
(Note 1)
60
A
VGSS
Gate-Source voltage
30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
690
mJ
IAR
Avalanche Current
(Note 1)
20
A
EAR
Repetitive Avalanche Energy
(Note 1)
20.
8
mJ
dv/
dt
PeakDiode Recoverydv/
dt
(Note 3)
50
V/
ns
PD
Power Dissipation
(TC =25 C)
-Derate above 25 C
208
1.
67
W
W/C
TJ,TSTG
Operatingand Storage Temperature Range
-55to +150
C
TL
Maximum Lead Temperature f
or SolderingPurpose,
1/
8”f
rom Case f
or 5Seconds
300
C
Therm alCharacteri
sti
cs
Sym bol
Param eter
FCB20N60F
Unit
R JC
Thermal Resistance,Junction-to-Case
0.
6
C/
W
R JA*
Thermal Resistance,Junction-to-Ambient*
40
C/
W
R JA
Thermal Resistance,Junction-to-Ambient
62.
5
C/
W
* When mounted on the minimum pad size recommended (PCB Mount)


Numéro de pièce similaire - FCB20N60F

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
FCB20N60F ISC-FCB20N60F Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FCB20N60FTM FAIRCHILD-FCB20N60FTM Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
FCB20N60F FAIRCHILD-FCB20N60F_12 Datasheet
341Kb / 6P
   600V N-Channe MOSFET 600V, 20A, 190m廓
More results

Description similaire - FCB20N60F

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FCA20N60F FAIRCHILD-FCA20N60F Datasheet
930Kb / 8P
   600V N-CHANNEL FRFET
FCA47N60F FAIRCHILD-FCA47N60F Datasheet
196Kb / 8P
   600V N-Channel MOSFET, FRFET
FCH76N60NF FAIRCHILD-FCH76N60NF Datasheet
539Kb / 8P
   600V N-Channel MOSFET, FRFET
FCH041N60F FAIRCHILD-FCH041N60F Datasheet
339Kb / 9P
   600V N-Channel MOSFET, FRFET
FDPF6N60ZUT FAIRCHILD-FDPF6N60ZUT_12 Datasheet
291Kb / 9P
   N-Channel MOSFET, FRFET 600V, 4.5A, 2廓
FDPF10N60ZUT FAIRCHILD-FDPF10N60ZUT_12 Datasheet
325Kb / 9P
   N-Channel MOSFET, FRFET 600V, 9A, 0.8廓
FDP6N60ZU FAIRCHILD-FDP6N60ZU Datasheet
531Kb / 9P
   N-Channel MOSFET, FRFET 600V, 4.5A, 2廓
FDP8N60ZU FAIRCHILD-FDP8N60ZU Datasheet
540Kb / 9P
   N-Channel MOSFET, FRFET 600V, 6.5A, 1.35廓
FDP10N60ZU FAIRCHILD-FDP10N60ZU Datasheet
559Kb / 9P
   N-Channel MOSFET, FRFET 600V, 9A, 0.8廓
FCH47N60NF FAIRCHILD-FCH47N60NF Datasheet
301Kb / 8P
   N-Channel MOSFET, FRFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com