Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AZ432 Fiches technique(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

No de pièce AZ432
Description  LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Site Internet  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ432 Fiches technique(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AZ432_07 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ432
Data Sheet
3
Mar. 2007 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
Ordering Information
Circuit Type
Bandage Tolerance
B: 1.0%
A: 0.5%
E1: Lead Free
Blank: Tin Lead
AZ432
-
Package
Tempera-
ture Range
Voltage
Tolerance
Part Number
Marking ID
Packing
Type
Tin Lead
Lead Free
Tin Lead
Lead Free
TO-92
-40 to 125oC
0.5%
AZ432AZ
AZ432AZ-E1
AZ432AZ
AZ432AZ-E1
Bulk
0.5%
AZ432AZTR
AZ432AZTR-E1
AZ432AZ
AZ432AZ-E1
Ammo
1.0%
AZ432BZ
AZ432BZ-E1
AZ432BZ
AZ432BZ-E1
Bulk
1.0%
AZ432BZTR
AZ432BZTR-E1
AZ432BZ
AZ432BZ-E1
Ammo
SOT-23
-40 to 125
oC
0.5%
AZ432ANTR-E1
EA8
Tape & Reel
1.0%
AZ432BNTR-E1
EA9
Tape & Reel
SOT-23-5
-40 to 125oC
0.5%
AZ432AKTR
AZ432AKTR-E1
K43
E7A
Tape & Reel
1.0%
AZ432BKTR
AZ432BKTR-E1
K44
E8A
Tape & Reel
SOT-89-3
-40 to 125oC
0.5%
AZ432ARTR
AZ432ARTR-E1
R42A
E42A
Tape & Reel
1.0%
AZ432BRTR
AZ432BRTR-E1
R42B
E42B
Tape & Reel
Package
Z: TO-92
TR: Tape and Reel or Ammo
Blank: Tube or Bulk
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
N: SOT-23
K: SOT-23-5
R: SOT-89-3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
AZ431L_07 LOW VOLTAGE 1.24V ADJUSTABLE PRECISION SHUNT REGULATOR 1  2  3  4  5  More BCD Semiconductor Manufacturing Limited
AHK432 Adjustable Low Voltage Shunt Regulator 1  2  3  4  5  More Advanced Analog Technology, Inc.
CM431 LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR 1  2  3  4  5  More Champion Microelectronic Corp.
TL432 Low Voltage 1.24V Adjustable Precision Shunt Regulator 1  2  3  4  5  HTC Korea TAEJIN Technology Co.
AMC431 PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE 1  2  3  4  5  More List of Unclassifed Manufacturers
TS431 LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE 1  2  3  4  5  More STMicroelectronics
TL432 1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS 1  2  3  Unisonic Technologies
SPX431A Precision Adjustable Shunt Regulator 1  2  3  4  5  More Sipex Corporation
LM217L_05 LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR 1  2  3  4  5  More STMicroelectronics
CAT102_05 Precision Adjustable Shunt Regulator 1  2  3  4  5  More Catalyst Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn