Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AZ432 Fiches technique(PDF) 15 Page - BCD Semiconductor Manufacturing Limited

No de pièce AZ432
Description  LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Site Internet  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ432 Fiches technique(HTML) 15 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ432_07 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Data Sheet
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ432
15
Mar. 2007 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
Mechanical Dimensions (Continued)
SOT-23-5
Unit: mm(inch)
2.820(0.111)
0.000(0.000)
0.300(0.012)
0.950(0.037)
1.050(0.041)
0.100(0.004)
0.200(0.008)
3.020(0.119)
0.400(0.016)
0.100(0.004)
1.150(0.045)
0.200(0.008)
1.800(0.071)
2.000(0.079)
0.700(0.028)
REF
TYP


Numéro de pièce similaire - AZ432_07

FabricantNo de pièceFiches techniqueDescription
logo
AMAZING Microelectronic...
AZ4326-01F AMAZING-AZ4326-01F Datasheet
277Kb / 7P
   Transient Voltage Suppressing Device For ESD/Transient/Surge Protection
Revision 2017/05/11
AZ4326-01F.R7G AMAZING-AZ4326-01F.R7G Datasheet
277Kb / 7P
   Transient Voltage Suppressing Device For ESD/Transient/Surge Protection
Revision 2017/05/11
logo
BCD Semiconductor Manuf...
AZ432AK BCDSEMI-AZ432AK Datasheet
162Kb / 16P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ432AK-TR BCDSEMI-AZ432AK-TR Datasheet
162Kb / 16P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ432AK-TRE1 BCDSEMI-AZ432AK-TRE1 Datasheet
162Kb / 16P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Description similaire - AZ432_07

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
AZ432 DIODES-AZ432 Datasheet
362Kb / 18P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
BCD Semiconductor Manuf...
AZ432 BCDSEMI-AZ432 Datasheet
162Kb / 16P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ432 BCDSEMI-AZ432_12 Datasheet
700Kb / 17P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
B432 ETC-B432 Datasheet
111Kb / 5P
   1.25V Adjustable Shunt Regulator
logo
Unisonic Technologies
TL432 UTC-TL432_10 Datasheet
141Kb / 4P
   1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432 UTC-TL432 Datasheet
103Kb / 3P
   1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com