Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AZ432 Fiches technique(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

No de pièce AZ432
Description  LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Site Internet  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ432 Fiches technique(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AZ432_07 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Data Sheet
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ432
5
Mar. 2007 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
Parameter
Test
Circuit
Symbol
Conditions
Min
Typ
Max
Unit
Reference Voltage
0.5%
4
VREF
VKA=VREF, IKA=10mA
1.244
1.250
1.256
V
1.0%
1.238
1.250
1.262
Deviation of Reference Voltage
Over Full Temperature Range
4
∆V
REF
VKA=VREF
IKA=10mA
0 to 70oC
2
10
mV
-40 to 85oC
310
-40 to 125oC
415
Ratio of Change in VREF to the
Change in Cathode Voltage
5
∆V
REF
∆V
KA
IKA=10mA,
∆V
KA: VREF to 16V
-0.5
-1.5
mV/V
Reference Input Current
5
IREF
IKA=10mA, R1=10KΩ, R2=∞
0.15
0.4
µA
Deviation of Reference Current
Over Full Temperature Range
5
∆I
REF
IKA=10mA, R1=10KΩ, R2=∞
TA=-40 to 125
oC
0.1
0.4
µA
Minimum Cathode Current for
Regulation
4
IKA
(MIN)
VKA=VREF
55
80
µA
Off-state Cathode
Current
6
IKA
(OFF)
VREF=0, VKA=18V
0.04
0.10
µA
VKA=6V, VREF=0
0.01
0.05
Dynamic Impedance
4
ZKA
VKA=VREF, IKA=1 to 100mA
f
≤1.0kHz
0.05
0.15
(Typical and limits apply for TA=25
oC, unless otherwise noted.)
Electrical Characteristics


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
AZ431L_07 LOW VOLTAGE 1.24V ADJUSTABLE PRECISION SHUNT REGULATOR 1  2  3  4  5  More BCD Semiconductor Manufacturing Limited
AHK432 Adjustable Low Voltage Shunt Regulator 1  2  3  4  5  More Advanced Analog Technology, Inc.
CM431 LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR 1  2  3  4  5  More Champion Microelectronic Corp.
TL432 Low Voltage 1.24V Adjustable Precision Shunt Regulator 1  2  3  4  5  HTC Korea TAEJIN Technology Co.
AMC431 PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE 1  2  3  4  5  More List of Unclassifed Manufacturers
TS431 LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE 1  2  3  4  5  More STMicroelectronics
TL432 1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS 1  2  3  Unisonic Technologies
SPX431A Precision Adjustable Shunt Regulator 1  2  3  4  5  More Sipex Corporation
LM217L_05 LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR 1  2  3  4  5  More STMicroelectronics
CAT102_05 Precision Adjustable Shunt Regulator 1  2  3  4  5  More Catalyst Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn