Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AZ432 Fiches technique(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

No de pièce AZ432
Description  LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Site Internet  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ432 Fiches technique(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AZ432_07 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ432_07 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ432
Data Sheet
4
Mar. 2007 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Cathode Voltage
VKA
20
V
Cathode Current Range (Continuous)
IKA
-100 to 100
mA
Reference Input Current Range
IREF
10
mA
Power Dissipation
PD
Z, R Package
770
mW
N, K Package
370
Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum
Ratings" for extended periods may affect device reliability.
Parameter
Symbol
Min
Max
Unit
Cathode Voltage
VKA
VREF
18
V
Cathode Current
IKA
0.1
100
mA
Operating Ambient Temperature Range
-40
125
oC
Recommended Operation Ratings
Absolute Maximum Ratings (Note 1)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
AZ431L_07 LOW VOLTAGE 1.24V ADJUSTABLE PRECISION SHUNT REGULATOR 1  2  3  4  5  More BCD Semiconductor Manufacturing Limited
AHK432 Adjustable Low Voltage Shunt Regulator 1  2  3  4  5  More Advanced Analog Technology, Inc.
CM431 LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR 1  2  3  4  5  More Champion Microelectronic Corp.
TL432 Low Voltage 1.24V Adjustable Precision Shunt Regulator 1  2  3  4  5  HTC Korea TAEJIN Technology Co.
AMC431 PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE 1  2  3  4  5  More List of Unclassifed Manufacturers
TS431 LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE 1  2  3  4  5  More STMicroelectronics
TL432 1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS 1  2  3  Unisonic Technologies
SPX431A Precision Adjustable Shunt Regulator 1  2  3  4  5  More Sipex Corporation
LM217L_05 LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR 1  2  3  4  5  More STMicroelectronics
CAT102_05 Precision Adjustable Shunt Regulator 1  2  3  4  5  More Catalyst Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn