Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM5680M28-E1 Fiches technique(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

No de pièce AM5680M28-E1
Description  5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Site Internet  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5680M28-E1 Fiches technique(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AM5680M28-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM5680M28-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM5680M28-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM5680M28-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5680M28-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM5680M28-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM5680M28-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AM5680M28-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AM5680M28-E1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5680
Data Sheet
11
Mar. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
1. The built-in thermal shutdown circuit mutes the
output current when the chip temperature reaches
175oC (Typ). The hysteresis is set to 30oC (Typ), so the
circuit will start up again when the chip temperature
falls to 145oC (Typ).
2. In case mute pin voltage is under 0.5V or this pin is
not connected, output current is muted (except for tray
motor driver). Mute pin voltage should be more than
2.0V for normal application.
3. BIAS pin (pin 27) should be pulled up to more than
1.2V. In case the bias pin voltage is pulled down below
0.9V (Typ), the output current is muted.
4. Insert the bypass capacitor (about 0.1
µF) between
VCC1,2 pin and GND pin as close as possible to this
chip.
5. Heat dissipation fins are attached to the GND on
the inside of the package. Make sure to connect them
to the external GND.
6. Tray driver logic input:
Input circuit of pins 6 and 7 is designed to avoid
simultaneous activation of upper and lower output
tray; however, in order to improve reliability, apply
motor forward/reverse input once through open mode.
Time period for open is recommended to be longer
than 10msec.
"H" side output voltage on output pins (VOTR+ or
VOTR-) varies depending on output control terminal
for tray (pin 21). "H" side output voltage is set to three
times (9.2dB Typ) the voltage of VCTL (pin 21). And,
"L" side output voltage is equal to output saturation
voltage.
7. For 3.3V I/O system, if voltage applied to VCCD
(pin 20) is lower than detector threshold voltage (Typ
2.9V), RESET pin (pin 24) will generate a L level as
reset signal. Once the VCCD comes over 3.1V,
RESET pin will change to H level immediately.
FWD
(pin6)
REV
(pin7)
VOTR+
(pin10)
VOTR-
(pin9)
Function
L
L
OPEN
OPEN
Open
mode
LH
L
H
Reverse
mode
HL
H
L
Forward
mode
HH
L
L
Brake
mode
Application Information


Numéro de pièce similaire - AM5680M28-E1

FabricantNo de pièceFiches techniqueDescription
logo
BCD Semiconductor Manuf...
AM5665 BCDSEMI-AM5665 Datasheet
149Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665M28 BCDSEMI-AM5665M28 Datasheet
149Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665M28-E1 BCDSEMI-AM5665M28-E1 Datasheet
149Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
List of Unclassifed Man...
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5668 BCDSEMI-AM5668 Datasheet
126Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
More results

Description similaire - AM5680M28-E1

FabricantNo de pièceFiches techniqueDescription
logo
BCD Semiconductor Manuf...
AM5669 BCDSEMI-AM5669 Datasheet
172Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5668 BCDSEMI-AM5668 Datasheet
126Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
List of Unclassifed Man...
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5665 BCDSEMI-AM5665 Datasheet
149Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5954A BCDSEMI-AM5954A Datasheet
139Kb / 13P
   4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Unisonic Technologies
UA8868 UTC-UA8868 Datasheet
207Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
UA8868S UTC-UA8868S_15 Datasheet
120Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
logo
AMtek SEMICONDUCTORS CO...
AM5890S AMTEK-AM5890S Datasheet
121Kb / 11P
   5-channel BTL Driver for DVD player
May 2010 V1.6T
AM5766FM AMTEK-AM5766FM Datasheet
379Kb / 10P
   5-channel BTL Driver for DVD player
Aug 2012 V1.5
AM5888S AMTEK-AM5888S Datasheet
99Kb / 10P
   5-channel BTL Driver for DVD player
Oct 2005 V1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com