Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AN431 Datasheet(Fiches technique) 2 Page - BCD Semiconductor Manufacturing Limited

Numéro de pièce AN431
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Télécharger  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Site Internet  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AN431 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AN431 Datenblatt HTML 1Page - BCD Semiconductor Manufacturing Limited AN431 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AN431 Datenblatt HTML 3Page - BCD Semiconductor Manufacturing Limited AN431 Datenblatt HTML 4Page - BCD Semiconductor Manufacturing Limited AN431 Datenblatt HTML 5Page - BCD Semiconductor Manufacturing Limited AN431 Datenblatt HTML 6Page - BCD Semiconductor Manufacturing Limited AN431 Datenblatt HTML 7Page - BCD Semiconductor Manufacturing Limited AN431 Datenblatt HTML 8Page - BCD Semiconductor Manufacturing Limited AN431 Datenblatt HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ADJUSTABLE PRECISION SHUNT REGULATORS
AN431
Data Sheet
2
Mar. 2007 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
Figure 2. Pin Configuration of AN431 (Top View)
(SOT-23)
N Package
Figure 3. Functional Block Diagram of AN431
Functional Block Diagram
ANODE
REF
1
2
3
REF
V
REF
CATHODE
ANODE
+
-
Pin Configuration
CATHODE
2
1
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TL4321.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS 1 2 3 Unisonic Technologies
TL432C1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS 1 2 3 Unisonic Technologies
AZ431-BADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
TLVH432_07LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTexas Instruments
SPX431APrecision Adjustable Shunt Regulator 1 2 3 4 5 MoreSipex Corporation
AZ431L_07LOW VOLTAGE 1.24V ADJUSTABLE PRECISION SHUNT REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
CAT102_05Precision Adjustable Shunt Regulator 1 2 3 4 5 MoreCatalyst Semiconductor
NCP100_06Sub 1.0 V Precision Adjustable Shunt Regulator 1 2 3 4 5 MoreON Semiconductor
TL432Low Voltage 1.24V Adjustable Precision Shunt Regulator 1 2 3 4 5 HTC Korea TAEJIN Technology Co.
AMC431PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn