Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AN431 Datasheet(Fiches technique) 5 Page - BCD Semiconductor Manufacturing Limited

Numéro de pièce AN431
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Télécharger  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Site Internet  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AN431 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AN431 Datenblatt HTML 1Page - BCD Semiconductor Manufacturing Limited AN431 Datenblatt HTML 2Page - BCD Semiconductor Manufacturing Limited AN431 Datenblatt HTML 3Page - BCD Semiconductor Manufacturing Limited AN431 Datenblatt HTML 4Page - BCD Semiconductor Manufacturing Limited AN431 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AN431 Datenblatt HTML 6Page - BCD Semiconductor Manufacturing Limited AN431 Datenblatt HTML 7Page - BCD Semiconductor Manufacturing Limited AN431 Datenblatt HTML 8Page - BCD Semiconductor Manufacturing Limited AN431 Datenblatt HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet
5
Mar. 2007 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
ADJUSTABLE PRECISION SHUNT REGULATORS
AN431
Parameter
Test
Circuit
Symbol
Conditions
Min
Typ
Max
Unit
Reference Voltage
0.5%
4
VREF
VKA=VREF, IKA=10mA
2.487
2.500
2.512
V
1.0%
2.475
2.500
2.525
Deviation of Reference Voltage
Over Full Temperature Range
4
∆V
REF
VKA=VREF
IKA=10mA
0 to 70oC
4.5
8
mV
-40 to 85oC
4.5
10
-40 to 125oC
4.5
16
Ratio of Change in Reference
Voltage to the Change in
Cathode Voltage
5
∆V
REF
∆V
KA
IKA=10mA
∆V
KA=
10V to VREF
-1.0
-2.7
mV/V
∆V
KA=
36V to 10V
-0.5
-2.0
Reference Current
5
IREF
IKA=10mA, R1=10KΩ, R2=∞
0.7
4
µA
Deviation of Reference Current
Over Full Temperature Range
5
∆I
REF
IKA=10mA, R1=10KΩ
R2=
∞, T
A=-40 to 125
oC
0.4
1.2
µA
Minimum Cathode Current for
Regulation
4
IKA
(Min)
VKA=VREF
0.4
1.0
mA
Off-state Cathode Current
6
IKA
(Off)
VKA=36V, VREF=0
0.05
1.0
µA
Dynamic Impedance
4
ZKA
VKA=VREF, IKA=1 to 100mA,
f
≤ 1.0kHz
0.15
0.5
Electrical Characteristics
Operating Conditions: TA=25
oC, unless otherwise specified.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TL4321.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS 1 2 3 Unisonic Technologies
TL432C1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS 1 2 3 Unisonic Technologies
AZ431-BADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
TLVH432_07LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTexas Instruments
SPX431APrecision Adjustable Shunt Regulator 1 2 3 4 5 MoreSipex Corporation
AZ431L_07LOW VOLTAGE 1.24V ADJUSTABLE PRECISION SHUNT REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
CAT102_05Precision Adjustable Shunt Regulator 1 2 3 4 5 MoreCatalyst Semiconductor
NCP100_06Sub 1.0 V Precision Adjustable Shunt Regulator 1 2 3 4 5 MoreON Semiconductor
TL432Low Voltage 1.24V Adjustable Precision Shunt Regulator 1 2 3 4 5 HTC Korea TAEJIN Technology Co.
AMC431PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn