Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AZ431L Fiches technique(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

No de pièce AZ431L
Description  LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Site Internet  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ431L Fiches technique(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ431L_07 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ431L_07 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ431L_07 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ431L_07 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ431L_07 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ431L_07 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ431L_07 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ431L_07 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ431L_07 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431L
Data Sheet
6
Mar. 2007 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
Figure 4. Test Circuit 4 for VKA=VREF
Figure 5. Test Circuit 5 for VKA>VREF
Figure 6. Test Circuit 6 for IOFF
I
OFF
V
IN
V
KA
V
IN
V
KA
I
KA
R1
R2
V
REF
V
KA=VREF*(1+R1/R2)+ IREF*R1
I
REF
R3
V
IN
V
KA
R1
I
KA
V
REF
Electrical Characteristics (Continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
TL432 Low Voltage 1.24V Adjustable Precision Shunt Regulator 1  2  3  4  5  HTC Korea TAEJIN Technology Co.
AHK432 Adjustable Low Voltage Shunt Regulator 1  2  3  4  5  More Advanced Analog Technology, Inc.
CM431 LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR 1  2  3  4  5  More Champion Microelectronic Corp.
AMC431 PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE 1  2  3  4  5  More List of Unclassifed Manufacturers
TS431 LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE 1  2  3  4  5  More STMicroelectronics
TL432C 1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS 1  2  3  Unisonic Technologies
SPX431A Precision Adjustable Shunt Regulator 1  2  3  4  5  More Sipex Corporation
LM217L_05 LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR 1  2  3  4  5  More STMicroelectronics
CAT102_05 Precision Adjustable Shunt Regulator 1  2  3  4  5  More Catalyst Semiconductor
NCP100_06 Sub 1.0 V Precision Adjustable Shunt Regulator 1  2  3  4  5  More ON Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn