Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AZ431L Fiches technique(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

No de pièce AZ431L
Description  LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Site Internet  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ431L Fiches technique(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AZ431L_07 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ431L_07 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ431L_07 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ431L_07 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ431L_07 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ431L_07 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ431L_07 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ431L_07 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ431L_07 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431L
Data Sheet
4
Mar. 2007 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Cathode Voltage
VKA
20
V
Cathode Current Range (Continuous)
IKA
-100 to 100
mA
Reference Input Current Range
IREF
10
mA
Power Dissipation
PD
Z, R Package
770
mW
N, K Package
370
Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only , and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maxi-
mum Ratings" for extended periods may affect device reliability.
Parameter
Symbol
Min
Max
Unit
Cathode Voltage
VKA
VREF
18
V
Cathode Current
IKA
0.1
100
mA
Operating Ambient Temperature Range
-40
125
oC
Recommended Operating Conditions
Absolute Maximum Ratings (Note 1)


Numéro de pièce similaire - AZ431L_07

FabricantNo de pièceFiches techniqueDescription
logo
BCD Semiconductor Manuf...
AZ431LAK BCDSEMI-AZ431LAK Datasheet
164Kb / 16P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431LAK-TR BCDSEMI-AZ431LAK-TR Datasheet
164Kb / 16P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431LAK-TRE1 BCDSEMI-AZ431LAK-TRE1 Datasheet
164Kb / 16P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431LAKE1 BCDSEMI-AZ431LAKE1 Datasheet
164Kb / 16P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431LAKTR-E1 BCDSEMI-AZ431LAKTR-E1 Datasheet
755Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Description similaire - AZ431L_07

FabricantNo de pièceFiches techniqueDescription
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L431L ETC2-L431L Datasheet
562Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_10 Datasheet
755Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z Datasheet
131Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_12 Datasheet
703Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432 HTC-TL432_10 Datasheet
470Kb / 7P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432 HTC-TL432 Datasheet
165Kb / 5P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
Aimtron Technology
AT431 AIMTRON-AT431 Datasheet
328Kb / 11P
   1.24V low-Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L432 ETC-L432 Datasheet
283Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com