Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AZ431-B Fiches technique(PDF) 15 Page - BCD Semiconductor Manufacturing Limited

No de pièce AZ431-B
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Site Internet  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ431-B Fiches technique(HTML) 15 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ431-B Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ431-B Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZ431-B Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AZ431-B Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AZ431-B Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AZ431-B Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AZ431-B Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited AZ431-B Datasheet HTML 18Page - BCD Semiconductor Manufacturing Limited AZ431-B Datasheet HTML 19Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Data Sheet
15
Mar. 2007 Rev. 2. 4
BCD Semiconductor Manufacturing Limited
ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-B
Mechanical Dimensions (Continued)
SOT-23
Unit: mm(inch)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
TL432 1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS 1  2  3  Unisonic Technologies
TL432C 1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS 1  2  3  Unisonic Technologies
TLVH432_07 LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS 1  2  3  4  5  More Texas Instruments
SPX431A Precision Adjustable Shunt Regulator 1  2  3  4  5  More Sipex Corporation
CAT102_05 Precision Adjustable Shunt Regulator 1  2  3  4  5  More Catalyst Semiconductor
NCP100_06 Sub 1.0 V Precision Adjustable Shunt Regulator 1  2  3  4  5  More ON Semiconductor
TL432 Low Voltage 1.24V Adjustable Precision Shunt Regulator 1  2  3  4  5  HTC Korea TAEJIN Technology Co.
AMC431 PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE 1  2  3  4  5  More List of Unclassifed Manufacturers
LM317 3-Terminal Adjustable Output Positive Voltage Regulators 1  2  3  4  5  More Vishay Siliconix
LM317CM 3-Terminal Adjustable Output Positive Voltage Regulators 1  2  3  4  5  More Vishay Siliconix

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn