Moteur de recherche de fiches techniques de composants électroniques |
|
BZX79-B5V6 Fiches technique(PDF) 7 Page - NXP Semiconductors |
|
BZX79-B5V6 Fiches technique(HTML) 7 Page - NXP Semiconductors |
7 / 12 page 2002 Feb 27 7 Philips Semiconductors Product specification Voltage regulator diodes BZX79 series Fig.3 Maximum permissible non-repetitive peak reverse power dissipation versus duration. handbook, halfpage MBG801 103 1 duration (ms) PZSM (W) 10 102 10−1 10 1 (1) (2) (1) Tj =25 °C (prior to surge). (2) Tj = 150 °C (prior to surge). Fig.4 Typical forward current as a function of forward voltage. handbook, halfpage 0.6 1.0 300 100 0 200 MBG781 0.8 VF (V) IF (mA) Tj =25 °C. Fig.5 Temperature coefficient as a function of working current; typical values. handbook, halfpage 060 0 −2 −3 −1 MBG783 20 40 IZ (mA) SZ (mV/K) 4V3 3V9 3V6 3V0 2V4 2V7 3V3 BZX79-B/C2V4 to BZX79-B/C4V3. Tj =25to150 °C. Fig.6 Temperature coefficient as a function of working current; typical values. handbook, halfpage 020 16 10 0 −5 5 MBG782 48 12 IZ (mA) SZ (mV/K) 4V7 12 11 10 9V1 8V2 7V5 6V8 6V2 5V6 5V1 BZX79-B/C4V7 to BZX79-B/C12. Tj =25to150 °C. |
Numéro de pièce similaire - BZX79-B5V6 |
|
Description similaire - BZX79-B5V6 |