Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI-3018LSA Datasheet(Fiches technique) 4 Page - Allegro MicroSystems

Numéro de pièce SI-3018LSA
Description  LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3018LSA Datasheet(HTML) 4 Page - Allegro MicroSystems

  SI-3018LSA Datenblatt HTML 1Page - Allegro MicroSystems SI-3018LSA Datenblatt HTML 2Page - Allegro MicroSystems SI-3018LSA Datenblatt HTML 3Page - Allegro MicroSystems SI-3018LSA Datasheet HTML 4Page - Allegro MicroSystems SI-3018LSA Datenblatt HTML 5Page - Allegro MicroSystems SI-3018LSA Datenblatt HTML 6Page - Allegro MicroSystems SI-3018LSA Datenblatt HTML 7Page - Allegro MicroSystems SI-3018LSA Datenblatt HTML 8Page - Allegro MicroSystems SI-3018LSA Datenblatt HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
SI-3018LSA
LOW-VOLTAGE, HIGH-CURRENT
1.8 V LINEAR REGULATOR
4
TM
TYPICAL CHARACTERISTICS at T
A = 25°C
0.2
0.1
0
0.3
0.4
0.5
0.4
0.8
OUTPUT CURRENT in AMPERES
0
Dwg. GK-025
1.2
0.6
1.0
0.2
0.6
1.78
1.76
1.74
1.80
1.82
1.84
0.4
0.8
OUTPUT CURRENT in AMPERES
0
Dwg. GK-026
1.2
0.6
1.0
0.2
1.86
VI = VS = 8 V
VI = VS = 5 V
VI = VS = 3.2 V
0
0.5
1.0
1.5
OUTPUT CURRENT in AMPERES
0
Dwg. GK-027
2.0
1.0
1.5
0.5
2.0
VI = VS = 3.2 V
VI = VS = 5 V
VI = VS = 6 V
0
0.5
1.0
1.5
INPUT VOLTAGE
0
Dwg. GK-028
5.0
3.0
4.0
1.0
2.0
2.0
IO = 0 A
IO = 0.5 A
IO = 1 A
Dropout voltage
Load regulation
Overcurrent protection
V
OUT vs VIN


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn