Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCM94500 Fiches technique(PDF) 2 Page - Broadcom Corporation.

No de pièce BCM94500
Description  ADVANCED MODULATION SATELLITE RECEIVER EVALUATION SYSTEM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOARDCOM [Broadcom Corporation.]
Site Internet  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM94500 Fiches technique(HTML) 2 Page - Broadcom Corporation.

  BCM94500 Datasheet HTML 1Page - Broadcom Corporation. BCM94500 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The BCM94500 advanced modulation satellite receiver
evaluation system is intended for use by satellite systems
engineers for the evaluation of the high performance offered by
the BCM4500 advanced modulation satellite receiver with
turbo code FEC. It is also intended for use by hardware
designers and software developers to reduce product design and
development time.
This evaluation platform provides the ideal environment for
systems engineers to explore the emerging technology enabled
by turbo code FECs and the unparalleled performance offered
by the BCM4500.
The simplified user interface gives
engineers easy access to various system parameters, allowing
them to select optimal settings for the BCM4500 to match the
link budget requirements. Hardware engineers and software
developers can use the BCM94500 as a baseline for the final
product architecture and also use it as a test and measurement
device to verify their final product performance.
The BCM94500 supports QPSK, 8PSK and 16 QAM operation
with turbo code FEC over a range of coding and symbol rates.
The system also supports DVB-S and DIRECTV® modes for
legacy system compatibility testing.
The BCM94500 contains the BCM3440 direct conversion
CMOS satellite tuner, which supports the full 950–2150 MHz
operating range. Baseband IQ outputs are connected directly to
the BCM4500 receiver. All tuner AGC loops are controlled by
the BCM4500. The BCM4500 process the I/Q baseband signal
through a variable rate advanced modulation receiver and can
use either the turbo code FEC or legacy DVB-S/
DIRECTV
FEC.
The
MPEG-2,
DIRECTV-
or
DVB-compliant output is available on a 25-pin connector,
driven by line drivers for connection to external test equipment
or for interfacing to the BCM97031 HDTV video/graphics
subsystem for decoding and display. Additional on-board
components are provided as an interface between the
BCM4500 DiSEqCTM controller and external devices, such as
multiple switches.
The BCM94500 is delivered with Windows® software for easy
installation and testing. The host software communicates with
the BCM94500 via I2C protocol via the PC parallel port. The
host software contains several screens for chip configuration,
constellation monitoring, and performance monitoring including
SNR, block error calculations and other FEC performance
parameters. Testing is simplified by having the option to use
other external BERTs or the BCM4500 on-chip BERT.
A detailed user manual is provided that describes the host
software interface as well as the operation of the BCM4500
API for embedded host software development. All acquisition
scripts and monitoring calculations are performed in the
BCM4500 internal microcontroller and are transparent to the
host. The BCM94500 package is delivered with the user
manual, schematic drawings, and a bill of materials. PCB
Gerber files are also available.
BCM94500
OVER VIEW
RA_I
RA_Q
A/D
A/D
7
7
Phase/
Frequency
Recovery
Variable
Rate
Demod
Acquisition/Tracking Loops
and Clock Generation
AGC_CTRL
Nyquist
α=0.20,0.35
Nyquist
α=0.20,0.35
12-tap
FFE
Block
Header
Processor
Iterative
Decoder
Outer
RS
Decoder
t=10
M
U
X
Viterbi
Decoder
Sync &
Deinter-
leaver
RS
Decoder
Acquisition
Microcontroller
MBus/SPI
Interface
DATA[7:0]
CLK
VALID
SYNC
ERR
MICRO[4:0]
DiSEqC 2.0
DISEQC
BCM4500 Block Diagram
®
Phone: 949-450-8700
FAX: 949-450-8710
Email: info@broadcom.com
Web: www.broadcom.com
Broadcom®, the pulse logo® and Connecting EverythingTM are trademarks of Broadcom Corporation and/or its
subsidiaries in the United States and certain other countries. DIRECTV® is a registered trademark of DIRECTV, INC.,
a unit of Hughes Electronics Corporation. Windows® is a trademark of Microsoft Corporation.
DiSEqCTM is a trademark of EUTELSAT. All other trademarks are the property of their respective owners.
BROADCOM CORPORATION
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
© 2003 by BROADCOM CORPORATION. All rights reserved.
94500-PB04-R-06.25.03


Numéro de pièce similaire - BCM94500

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
BCM94201 BOARDCOM-BCM94201 Datasheet
412Kb / 1P
   SATELLITE RECEIVER EVALUATION SYSTEM
BCM94311 BOARDCOM-BCM94311 Datasheet
407Kb / 2P
   AIRFORCE 54G 802.11A/B/G PCI EXPRESS CLIENT REFERENCE DESIGN
BCM94317 BOARDCOM-BCM94317 Datasheet
399Kb / 1P
   AIRFORCE ONE CHIP 802.11 REFERENCE DESIGN
BCM94318 BOARDCOM-BCM94318 Datasheet
256Kb / 2P
   AIRFORCE ONE CHIP 802.11 REFERENCE DESIGN
BCM94318E BOARDCOM-BCM94318E Datasheet
409Kb / 2P
   AIRFORCE ONE SINGLE-CHIP 802.11 REFERENCE DESIGN
More results

Description similaire - BCM94500

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
BCM4500 BOARDCOM-BCM4500_03 Datasheet
133Kb / 2P
   ADVANCED MODULATION SATELLITE RECEIVER
BCM4500 BOARDCOM-BCM4500 Datasheet
111Kb / 1P
   ADVANCED MODULATION SATELLITE RECEIVER
BCM94201 BOARDCOM-BCM94201 Datasheet
412Kb / 1P
   SATELLITE RECEIVER EVALUATION SYSTEM
logo
NXP Semiconductors
CX24118A NXP-CX24118A Datasheet
506Kb / 46P
   Advanced Modulation Digital Satellite Tuner
Rev. 02-8 September 2009
logo
Broadcom Corporation.
BCM93138 BOARDCOM-BCM93138 Datasheet
479Kb / 2P
   ADVANCED PHY TRANSMITTER/RECEIVER EVALUATION SYSTEM
logo
Intel Corporation
HGCE5038882068 INTEL-HGCE5038882068 Datasheet
736Kb / 41P
   DVB-S2 Advanced Modulation Satellite Tuner
logo
EPCOS
B800 EPCOS-B800 Datasheet
81Kb / 6P
   Satellite Receiver Filter
B801 EPCOS-B801 Datasheet
114Kb / 9P
   Satellite Receiver Filter
logo
Bourns Electronic Solut...
2035-09-SM-RPLF BOURNS-2035-09-SM-RPLF_12 Datasheet
217Kb / 1P
   Satellite Receiver RF Input
logo
Maxim Integrated Produc...
MAX11600 MAXIM-MAX11600_10 Datasheet
5Mb / 36P
   Evaluation System
Rev 0; 3/10
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com