Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX284-B2V4 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce BZX284-B2V4
Description  Voltage regulator diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX284-B2V4 Fiches technique(HTML) 4 Page - NXP Semiconductors

  BZX284-B2V4 Datasheet HTML 1Page - NXP Semiconductors BZX284-B2V4 Datasheet HTML 2Page - NXP Semiconductors BZX284-B2V4 Datasheet HTML 3Page - NXP Semiconductors BZX284-B2V4 Datasheet HTML 4Page - NXP Semiconductors BZX284-B2V4 Datasheet HTML 5Page - NXP Semiconductors BZX284-B2V4 Datasheet HTML 6Page - NXP Semiconductors BZX284-B2V4 Datasheet HTML 7Page - NXP Semiconductors BZX284-B2V4 Datasheet HTML 8Page - NXP Semiconductors BZX284-B2V4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Table 1
Per type BZX284-B/C2V4 to B/C24
Tj =25 °C unless otherwise specified.
BZX284-
BorC
XXX
WORKING VOLTAGE
VZ (V)
at IZtest =5mA
DIFFERENTIAL RESISTANCE
rdif (Ω)
TEMP. COEFF.
SZ (mV/K)
at IZtest =5mA
(see Figs 5 and 6)
DIODE CAP.
Cd (pF)
at f = 1 MHz;
VR =0V
NON-REPETITIVE PEAK
REVERSE CURRENT
IZSM (A) at tp = 100 µs;
Tamb =25 °C
Tol.
±2% (B)
Tol.
±5% (C)
at IZtest = 1 mA
at IZtest =5mA
MIN.
MAX.
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
MAX.
2V4
2.35
2.45
2.2
2.6
275
400
70
100
−1.6
450
12.0
2V7
2.65
2.75
2.5
2.9
300
450
75
100
−2.0
440
12.0
3V0
2.94
3.06
2.8
3.2
325
500
80
95
−2.1
425
12.0
3V3
3.23
3.37
3.1
3.5
350
500
85
95
−2.4
410
12.0
3V6
3.53
3.67
3.4
3.8
375
500
85
90
−2.4
390
12.0
3V9
3.82
3.98
3.7
4.1
400
500
85
90
−2.5
370
12.0
4V3
4.21
4.39
4.0
4.6
410
600
80
90
−2.5
350
12.0
4V7
4.61
4.79
4.4
5.0
425
500
50
80
−1.4
325
12.0
5V1
5.00
5.20
4.8
5.4
400
480
40
60
−0.8
300
12.0
5V6
5.49
5.71
5.2
6.0
80
400
15
40
1.2
275
12.0
6V2
6.08
6.32
5.8
6.6
40
150
6
10
2.3
250
12.0
6V8
6.66
6.94
6.4
7.2
30
80
6
15
3.0
215
12.0
7V5
7.35
7.65
7.0
7.9
15
80
2
10
4.0
170
4.0
8V2
8.04
8.36
7.7
8.7
20
80
2
10
4.6
150
4.0
9V1
8.92
9.28
8.5
9.6
20
100
2
10
5.5
120
3.0
10
9.80
10.20
9.4
10.6
20
150
2
10
6.4
110
3.0
11
10.80
11.20
10.4
11.6
25
150
2
10
7.4
108
2.5
12
11.80
12.20
11.4
12.7
25
150
2
10
8.4
105
2.5
13
12.70
13.30
12.4
14.1
25
170
2
10
9.4
103
2.5
15
14.70
15.30
13.8
15.6
25
200
3
15
11.4
99
2.0
16
15.70
16.30
15.3
17.1
25
200
4
20
12.4
97
1.5
18
17.60
18.40
16.8
19.1
25
225
4
20
14.4
93
1.5
20
19.60
20.40
18.8
21.2
30
225
4
20
16.4
88
1.5
22
21.60
22.40
20.8
23.3
30
250
5
25
18.4
84
1.25
24
23.50
24.50
22.8
25.6
30
250
6
30
20.4
80
1.25


Numéro de pièce similaire - BZX284-B2V4

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
BZX284-B2V4 NEXPERIA-BZX284-B2V4 Datasheet
892Kb / 11P
   Voltage regulator diodes
2002 May 28
More results

Description similaire - BZX284-B2V4

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com