Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

Q48DV1R533NRFA Fiches technique(PDF) 5 Page - Delta Electronics, Inc.

No de pièce Q48DV1R533NRFA
Description  Delphi Series Q48DV, 40W Quarter Brick, Dual Output DC/DC Power Modules
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48DV1R533NRFA Fiches technique(HTML) 5 Page - Delta Electronics, Inc.

  Q48DV1R533NRFA Datasheet HTML 1Page - Delta Electronics, Inc. Q48DV1R533NRFA Datasheet HTML 2Page - Delta Electronics, Inc. Q48DV1R533NRFA Datasheet HTML 3Page - Delta Electronics, Inc. Q48DV1R533NRFA Datasheet HTML 4Page - Delta Electronics, Inc. Q48DV1R533NRFA Datasheet HTML 5Page - Delta Electronics, Inc. Q48DV1R533NRFA Datasheet HTML 6Page - Delta Electronics, Inc. Q48DV1R533NRFA Datasheet HTML 7Page - Delta Electronics, Inc. Q48DV1R533NRFA Datasheet HTML 8Page - Delta Electronics, Inc. Q48DV1R533NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ELECTRICAL CHARACTERISTICS CURVES
Figure 9: Typical full load input characteristics at room
temperature
Figure 10: Output voltage response to step-change in load
current Iout2 (75%-50%-75% of Io, max; di/dt = 0.1A/µs) at
Iout1=0A. Load cap: 10µF, tantalum capacitor and 1µF ceramic
capacitor. Ch1=Vout2 (100mV/div), Ch2=Iout2 (5A/div), Scope
measurement should be made using a BNC cable (length shorter
than 20 inches). Position the load between 51 mm to 76 mm (2
inches to 3 inches) from the module.
Figure 11: Output voltage response to step-change in load
current Iout1 (75%-50%-75% of Io, max; di/dt = 0.1A/µs) at
Iout2=0. Load cap: 10µF, tantalum capacitor and 1µF
ceramic capacitor. Ch1=Vout1 (100mV/div), Ch2=Iout1
(5A/div),Scope measurement should be made using a BNC
cable (length shorter than 20 inches). Position the load
between 51 mm to 76 mm (2 inches to 3 inches) from the
module.
Figure 12: Output voltage response to step-change in load
current Iout2 and Iout1 (75%-50%-75% of Io, max; di/dt =
0.1A/µs). Load cap: 10µF, tantalum capacitor and 1µF ceramic
capacitor.
Ch1=Vout1
(100mV/div),
Ch2=Iout1
(5A/div),
Ch3=Vout2 (100mV/div), Ch4=Iout2 (5A/div) Scope measurement
should be made using a BNC cable (length shorter than 20
inches). Position the load between 51 mm to 76 mm (2 inches to 3
inches) from the module.
DS_Q48DV1R533_07172006
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
Q48DB12003NRFA Delphi Series Q48DB 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in ±12V 2.7A Output 1  2  3  4  5  More Delta Electronics, Inc.
Q48DR1R533NRFA Delphi Series Q48DR 87W-100W Quarter Brick Dual Output DC/DC Power Modules: 48V in 1.5V and 3.3V 15A out each channel 1  2  3  4  5  More Delta Electronics, Inc.
Q48DW3R312NRFA Delphi Series Q48DW 45W Quarter Brick Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A 1  2  3  4  5  More Delta Electronics, Inc.
Q48SL1R535NRFA Delphi Series Q48SL 100W Quarter Brick Family DC/DC Power Modules: 48V in 1.5V/35A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SR1R525 Delphi Series E48SR 66W Eighth Brick Family DC/DC Power Modules: 48V in 1.5V/25A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR3R320 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 3.3V/20A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SR1R825 Delphi Series E48SR 66W Eighth Brick Family DC/DC Power Modules: 48V in 1.8V/25A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR05012 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 5V/12A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SR2R520 Delphi Series E48SR 66W Eighth Brick Family DC/DC Power Modules: 48V in 2.5V/20A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR06508 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 6.5V/8A out 1  2  3  4  5  More Delta Electronics, Inc.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn