Moteur de recherche de fiches techniques de composants électroniques |
|
LC-155A2H1RH Fiches technique(PDF) 8 Page - Delta Electronics, Inc. |
|
LC-155A2H1RH Fiches technique(HTML) 8 Page - Delta Electronics, Inc. |
8 / 8 page LC-155Axxxxxx DELTA ELECTRONICS, INC. 8 www.deltaww.com Aug., 2006 Rev.:0E Order information: LC-155Ax1x2x3x4x5x6x7 Power Supply Voltage and SD Level X1: 2: 4: 3.3V;Data In/Out(PECL) ;SD Output(PECL) 3.3V;Data In/Out(PECL) ;SD Output(TTL) Effective Distance Grade x2: H:2Km Package type & coupling type x3: 1: 2X5LC DC/DC RoHS x4: Blank: R: Non-RoHS Compliant RoHS Compliant Housing Type x5: Blank: M: MU: Plastic Housing Metal Housing W/O Shielding Performance x6: Blank: A: Old Design New Design X7: Temperature Blank: H: T: 0℃ to 70℃ -10℃ to 85℃ -40℃ to 85℃ |
Numéro de pièce similaire - LC-155A2H1RH |
|
Description similaire - LC-155A2H1RH |