Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

IPM24S0C0R03FA Fiches technique(PDF) 5 Page - Delta Electronics, Inc.

No de pièce IPM24S0C0R03FA
Description  Delphi Series IPM24S0C0, Non-Isolated, Integrated Point-of-Load Power Modules: 20V~36V input, 8.0~15.0V and 3A Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM24S0C0R03FA Fiches technique(HTML) 5 Page - Delta Electronics, Inc.

  IPM24S0C0R03FA Datasheet HTML 1Page - Delta Electronics, Inc. IPM24S0C0R03FA Datasheet HTML 2Page - Delta Electronics, Inc. IPM24S0C0R03FA Datasheet HTML 3Page - Delta Electronics, Inc. IPM24S0C0R03FA Datasheet HTML 4Page - Delta Electronics, Inc. IPM24S0C0R03FA Datasheet HTML 5Page - Delta Electronics, Inc. IPM24S0C0R03FA Datasheet HTML 6Page - Delta Electronics, Inc. IPM24S0C0R03FA Datasheet HTML 7Page - Delta Electronics, Inc. IPM24S0C0R03FA Datasheet HTML 8Page - Delta Electronics, Inc. IPM24S0C0R03FA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DS_IPM24S0C0_07312006
5
ELECTRICAL CHARACTERISTICS CURVES
Figure 13: Typical transient response to step load change at
0.5A/µS from 100% to 50% of Io, max at 24Vin,
15.0V out
(measurement with a 1uF ceramic
Figure 14: Typical transient response to step load change at
0.5A/µS from 50% to 100% of Io, max at36Vin,
6.5V out
(measurement with a 1uF ceramic)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
IPM24S0B0R03FA Delphi Series IPM24S0B0 Non-Isolated Integrated Point-of-Load Power Modules: 11V~36V input 3.3~6.5V and 3A Output 1  2  3  4  5  More Delta Electronics, Inc.
IPM04C0A0R06FA Delphi Series IPM Non-Isolated Integrated Point-of-Load Power Modules: 3V~5.5V input 0.8~3.3V and 6A Output Current 1  2  3  4  5  More Delta Electronics, Inc.
IPM04S0A0R10FA Delphi Series IPM Non-Isolated Integrated Point-of-Load Power Modules: 3V~5.5V input 0.8~3.3V and 10A Output Current 1  2  3  4  5  More Delta Electronics, Inc.
IPM12C0A0R04FA Delphi Series IPM Non-Isolated Integrated Point-of-Load Power Modules: 8V~14V input 0.9~5V and 4A Output Current 1  2  3  4  5  More Delta Electronics, Inc.
IPM12S0A0R08FA Delphi Series IPM Non-Isolated Integrated Point-of-Load Power Modules: 8V~14V input 0.8~5V and 8A Output Current 1  2  3  4  5  More Delta Electronics, Inc.
IPM24S0A0R03FA Delphi Series IPM24S0A0 Non-Isolated Integrated Point-of-Load Power Modules: 8V~36V input 1.2~2.5V and 3A Output 1  2  3  4  5  More Delta Electronics, Inc.
E48SH3R330 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 3.3V/30A out 1  2  3  4  5  More Delta Electronics, Inc.
FL75L10A Delphi Series Filter Module 75Vdc max input 10A max output current 1  2  3  4  5  More Delta Electronics, Inc.
DNL04S0A0R16PFA Delphi DNL Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin 0.75-3.3V/16A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH05020 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 5V/20A out 1  2  3  4  5  More Delta Electronics, Inc.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn