Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

IPM24S0B0R03FA Fiches technique(PDF) 3 Page - Delta Electronics, Inc.

No de pièce IPM24S0B0R03FA
Description  Delphi Series IPM24S0B0, Non-Isolated, Integrated Point-of-Load Power Modules: 11V~36V input, 3.3~6.5V and 3A Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM24S0B0R03FA Fiches technique(HTML) 3 Page - Delta Electronics, Inc.

  IPM24S0B0R03FA Datasheet HTML 1Page - Delta Electronics, Inc. IPM24S0B0R03FA Datasheet HTML 2Page - Delta Electronics, Inc. IPM24S0B0R03FA Datasheet HTML 3Page - Delta Electronics, Inc. IPM24S0B0R03FA Datasheet HTML 4Page - Delta Electronics, Inc. IPM24S0B0R03FA Datasheet HTML 5Page - Delta Electronics, Inc. IPM24S0B0R03FA Datasheet HTML 6Page - Delta Electronics, Inc. IPM24S0B0R03FA Datasheet HTML 7Page - Delta Electronics, Inc. IPM24S0B0R03FA Datasheet HTML 8Page - Delta Electronics, Inc. IPM24S0B0R03FA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DS_IPM24S0B0_06272006
3
ELECTRICAL CHARACTERISTICS CURVES
Figure 1: Converter efficiency vs. output current
(3.30V output voltage)
Figure 2: Converter efficiency vs. output current
(4.0V output voltage)
Figure 3: Converter efficiency vs. output current
(5.0V output voltage)
Figure 4: Converter efficiency vs. output current
(6.5V output voltage)
Figure 5: Output ripple & noise at 12Vin, 3.3V/3A out
Figure 6: Output ripple & noise at 24Vin, 3.3V/3A out
54.0
59.0
64.0
69.0
74.0
79.0
84.0
89.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Iout (A)
Vin=11V
Vin=12V
Vin=24V
Vin=36V
54.0
58.0
62.0
66.0
70.0
74.0
78.0
82.0
86.0
90.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Iout (A)
Vin=11V
Vin=12V
Vin=24V
Vin=36V
63.0
67.0
71.0
75.0
79.0
83.0
87.0
91.0
95.0
0.00.5
1.01.5
2.0
2.5
3.0
Iout (A)
Vin=11V
Vin=12V
Vin=24V
Vin=36V
60.0
64.0
68.0
72.0
76.0
80.0
84.0
88.0
92.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Iout (A)
Vin=11V
Vin=12V
Vin=24V
Vin=36V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
IPM04C0A0R06FA Delphi Series IPM Non-Isolated Integrated Point-of-Load Power Modules: 3V~5.5V input 0.8~3.3V and 6A Output Current 1  2  3  4  5  More Delta Electronics, Inc.
IPM04S0A0R10FA Delphi Series IPM Non-Isolated Integrated Point-of-Load Power Modules: 3V~5.5V input 0.8~3.3V and 10A Output Current 1  2  3  4  5  More Delta Electronics, Inc.
IPM12C0A0R04FA Delphi Series IPM Non-Isolated Integrated Point-of-Load Power Modules: 8V~14V input 0.9~5V and 4A Output Current 1  2  3  4  5  More Delta Electronics, Inc.
IPM12S0A0R08FA Delphi Series IPM Non-Isolated Integrated Point-of-Load Power Modules: 8V~14V input 0.8~5V and 8A Output Current 1  2  3  4  5  More Delta Electronics, Inc.
IPM24S0A0R03FA Delphi Series IPM24S0A0 Non-Isolated Integrated Point-of-Load Power Modules: 8V~36V input 1.2~2.5V and 3A Output 1  2  3  4  5  More Delta Electronics, Inc.
DNL04S0A0R16PFA Delphi DNL Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin 0.75-3.3V/16A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH05020 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 5V/20A out 1  2  3  4  5  More Delta Electronics, Inc.
FL75L20A Delphi Series Filter Module 75Vdc max input 20A max output current The Delphi series FL75L20 A filter module is the latest offering 1  2  3  4  5  More Delta Electronics, Inc.
DNL10S0A0R16PFD Delphi DNL Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin 0.75-5.0V/16A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH12010 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 12V/10A out 1  2  3  4  5  More Delta Electronics, Inc.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn