Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

IPM24S0B0R03FA Fiches technique(PDF) 2 Page - Delta Electronics, Inc.

No de pièce IPM24S0B0R03FA
Description  Delphi Series IPM24S0B0, Non-Isolated, Integrated Point-of-Load Power Modules: 11V~36V input, 3.3~6.5V and 3A Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM24S0B0R03FA Fiches technique(HTML) 2 Page - Delta Electronics, Inc.

  IPM24S0B0R03FA Datasheet HTML 1Page - Delta Electronics, Inc. IPM24S0B0R03FA Datasheet HTML 2Page - Delta Electronics, Inc. IPM24S0B0R03FA Datasheet HTML 3Page - Delta Electronics, Inc. IPM24S0B0R03FA Datasheet HTML 4Page - Delta Electronics, Inc. IPM24S0B0R03FA Datasheet HTML 5Page - Delta Electronics, Inc. IPM24S0B0R03FA Datasheet HTML 6Page - Delta Electronics, Inc. IPM24S0B0R03FA Datasheet HTML 7Page - Delta Electronics, Inc. IPM24S0B0R03FA Datasheet HTML 8Page - Delta Electronics, Inc. IPM24S0B0R03FA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DS_IPM24S0B0_06272006
2
TECHNICAL SPECIFICATIONS
TA = 25°C, airflow rate = 300 LFM, Vin = 24Vdc, nominal Vout unless otherwise noted.
PARAMETER
NOTES and CONDITIONS
IPM24S0B0R/S03FA
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
0
40
Vdc
Operating Temperature
Please refer to Fig.32 for the measuring point
-40
+125
°C
Storage Temperature
-55
+125
°C
INPUT CHARACTERISTICS
Operating Input Voltage
11
36
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
10.31
V
Turn-Off Voltage Threshold
10.10
V
Maximum Input Current
Vin=Vin,min to Vin,max, Io=Io,max
2.5
A
No-Load Input Current
50
mA
Off Converter Input Current
3
10
mA
Input Reflected-Ripple Current
P-P 0.5µH inductor, 5Hz to 20MHz
60
150
mAp-p
Input Voltage Ripple Rejection
120 Hz
TBD
dB
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=24V, Io=Io,max, Ta=25℃
3.251
3.3
3.350
Vdc
Output Voltage Adjustable Range
3.3
6.5
V
Output Voltage Regulation
Over Line
Vin=Vin,min to Vin,max
0.3
% Vo,set
Over Load
Io=Io,min to Io,max
0.3
% Vo,set
Over Temperature
Ta=Ta,min to Ta,max
0.01
0.025
%Vo,set/℃
Total Output Voltage Range
Over sample load, line and temperature
-3.0
+3.0
% Vo,set
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic, 220µF Poscap
50
100
mVp-p
RMS
Full Load, 1µF ceramic, 220µF Poscap
25
50
mV
Output Current Range
Vo>3.3Vdc
0
3
A
Output Voltage Over-shoot at Start-up
Vin=11V to 36V, Io=0A to 3A, Ta=25℃
0
1
% Vo,set
Output DC Current-Limit Inception
200
% Io
DYNAMIC CHARACTERISTICS
Dynamic Load Response
220µF Poscap & 1µF Ceramic load cap, 0.5A/µs
Positive Step Change in Output Current
50% Io, max to 100% Io, max
75
200
mVpk
Negative Step Change in Output Current
100% Io, max to 50% Io, max
75
200
mVpk
Setting Time to 10% of Peak Devitation
200
300
µs
Turn-On Transient
Io=Io.max
Start-Up Time, From On/Off Control
17
50
ms
Start-Up Time, From Input
17
50
ms
Output Voltage Rise Time
Time for Vo to rise from 10% to 90% of Vo,set,
5
9
17
ms
Maximum Output Startup Capacitive Load
Full load; ESR ≧25mΩ
220
µF
Full load; ESR ≧18mΩ
1220
µF
EFFICIENCY
Vo=3.3V
Vin=12V, Io=Io,max, Ta=25℃
85.0
86.5
%
Vo=4.0V
Vin=12V, Io=Io,max, Ta=25℃
86.5
88.0.
%
Vo=5.0V
Vin=12V, Io=Io,max, Ta=25℃
88.5
89.5
%
Vo=6.5V
Vin=12V, Io=Io,max, Ta=25℃
90.0
91.0
%
Vo=3.3V
Vin=24V, Io=Io,max, Ta=25℃
81.0
82.5
%
Vo=4.0V
Vin=24V, Io=Io,max, Ta=25℃
83.0
84.5
%
Vo=5.0V
Vin=24V, Io=Io,max, Ta=25℃
85.0
86.0
%
Vo=6.5V
Vin=24V, Io=Io,max, Ta=25℃
87.0
88.0
%
FEATURE CHARACTERISTICS
Switching Frequency
300
kHz
ON/OFF Control, (Logic High-Module ON)
Logic High
Module On
2.4
Vin,max
V
Logic Low
Module Off
-0.2
0.8
V
ON/OFF Current
Ion/off at Von/off=0
0.25
1
mA
Leakage Current
Logic High, Von/off=5V
50
µA
GENERAL SPECIFICATIONS
Calculated MTBF
Io=80% Io,max, Ta=25℃
13.74
M hours
Weight
6
grams


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
IPM04C0A0R06FA Delphi Series IPM Non-Isolated Integrated Point-of-Load Power Modules: 3V~5.5V input 0.8~3.3V and 6A Output Current 1  2  3  4  5  More Delta Electronics, Inc.
IPM04S0A0R10FA Delphi Series IPM Non-Isolated Integrated Point-of-Load Power Modules: 3V~5.5V input 0.8~3.3V and 10A Output Current 1  2  3  4  5  More Delta Electronics, Inc.
IPM12C0A0R04FA Delphi Series IPM Non-Isolated Integrated Point-of-Load Power Modules: 8V~14V input 0.9~5V and 4A Output Current 1  2  3  4  5  More Delta Electronics, Inc.
IPM12S0A0R08FA Delphi Series IPM Non-Isolated Integrated Point-of-Load Power Modules: 8V~14V input 0.8~5V and 8A Output Current 1  2  3  4  5  More Delta Electronics, Inc.
IPM24S0A0R03FA Delphi Series IPM24S0A0 Non-Isolated Integrated Point-of-Load Power Modules: 8V~36V input 1.2~2.5V and 3A Output 1  2  3  4  5  More Delta Electronics, Inc.
DNL04S0A0R16PFA Delphi DNL Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin 0.75-3.3V/16A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH05020 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 5V/20A out 1  2  3  4  5  More Delta Electronics, Inc.
FL75L20A Delphi Series Filter Module 75Vdc max input 20A max output current The Delphi series FL75L20 A filter module is the latest offering 1  2  3  4  5  More Delta Electronics, Inc.
DNL10S0A0R16PFD Delphi DNL Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin 0.75-5.0V/16A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH12010 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 12V/10A out 1  2  3  4  5  More Delta Electronics, Inc.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn