Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

IPM24S0A0R03FA Fiches technique(PDF) 10 Page - Delta Electronics, Inc.

No de pièce IPM24S0A0R03FA
Description  Delphi Series IPM24S0A0, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~36V input, 1.2~2.5V and 3A Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM24S0A0R03FA Fiches technique(HTML) 10 Page - Delta Electronics, Inc.

Back Button IPM24S0A0R03FA Datasheet HTML 6Page - Delta Electronics, Inc. IPM24S0A0R03FA Datasheet HTML 7Page - Delta Electronics, Inc. IPM24S0A0R03FA Datasheet HTML 8Page - Delta Electronics, Inc. IPM24S0A0R03FA Datasheet HTML 9Page - Delta Electronics, Inc. IPM24S0A0R03FA Datasheet HTML 10Page - Delta Electronics, Inc. IPM24S0A0R03FA Datasheet HTML 11Page - Delta Electronics, Inc. IPM24S0A0R03FA Datasheet HTML 12Page - Delta Electronics, Inc. IPM24S0A0R03FA Datasheet HTML 13Page - Delta Electronics, Inc. IPM24S0A0R03FA Datasheet HTML 14Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DS_IPM24S0A0_06272006
10
FEATURES DESCRIPTIONS (CON.)
Figure 29:
Trim up Circuit configuration for programming
output voltage using an external resistor
Rtrim
Load
Vout
Trim
GND
Figure 30:
Trim down Circuit configuration for programming
output voltage using an external resistor
Figure 31: Circuit configuration for programming output voltage
using external voltage source
Table 1 provides Rtrim values required for some common
output voltages. By using a 0.5% tolerance resistor, set
point tolerance of ±2% can be achieved as specified in the
electrical specification.
Rtrim is the external resistor in KΩ; Vout is the
desired output voltage
Rtrim setting (Ω)
Output
Measurement
R.trim_Up R.trim_Down
0A
Vo
1.2
NC
NC
1.193
Vadj
1.5
12.4K
NC
1.494
Vadj
1.8
6.19K
NC
1.793
Vadj
2.5
2.87K
NC
2.490
The amount of power delivered by the module is the
voltage at the output terminals multiplied by the output
current. When using the trim feature, the output voltage
of the module can be increased, which at the same
output current would increase the power output of the
module. Care should be taken to ensure that the
maximum output power of the module must not exceed
the maximum rated power (Vo.set x Io.max ≤ P max).
Voltage Margining
Output voltage margining can be implemented in the IPM
modules by connecting a resistor, Rmargin-up, from the Trim
pin to the ground pin for margining-up the output voltage
and by connecting a resistor, Rmargin-down, from the Trim pin
to the output pin for margining-down. Figure 32 shows
the circuit configuration for output voltage margining. If
unused, leave the trim pin unconnected.
Vo
On/Off
Vin
GND
Trim
IPM
Q2
Q1
Rmargin-up
Rmargin-down
Rtrim
Figure 32: Circuit configuration for output voltage margining


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
IPM04C0A0R06FA Delphi Series IPM Non-Isolated Integrated Point-of-Load Power Modules: 3V~5.5V input 0.8~3.3V and 6A Output Current 1  2  3  4  5  More Delta Electronics, Inc.
IPM04S0A0R10FA Delphi Series IPM Non-Isolated Integrated Point-of-Load Power Modules: 3V~5.5V input 0.8~3.3V and 10A Output Current 1  2  3  4  5  More Delta Electronics, Inc.
IPM12C0A0R04FA Delphi Series IPM Non-Isolated Integrated Point-of-Load Power Modules: 8V~14V input 0.9~5V and 4A Output Current 1  2  3  4  5  More Delta Electronics, Inc.
IPM12S0A0R08FA Delphi Series IPM Non-Isolated Integrated Point-of-Load Power Modules: 8V~14V input 0.8~5V and 8A Output Current 1  2  3  4  5  More Delta Electronics, Inc.
DNL10S0A0R16PFD Delphi DNL Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin 0.75-5.0V/16A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH12010 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 12V/10A out 1  2  3  4  5  More Delta Electronics, Inc.
H24SN28012NRFA Delphi Series H24SN 350W Half Brick Family DC/DC Power Modules: 18~36Vin 28V/12.5A out 1  2  3  4  5  More Delta Electronics, Inc.
DNM04S0A0R10PFA Delphi DNM Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin 0.75-3.3V/10A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SR1R225 Delphi Series E48SR 66W Eighth Brick Family DC/DC Power Modules: 48V in 1.2V/25A out 1  2  3  4  5  More Delta Electronics, Inc.
H48SL1R560 Delphi Series H48SL 200W Half Brick Family DC/DC Power Modules: 48V in 1.5V/60A out 1  2  3  4  5  More Delta Electronics, Inc.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn