Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

IPM12C0A0R04FA Fiches technique(PDF) 6 Page - Delta Electronics, Inc.

No de pièce IPM12C0A0R04FA
Description  Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~14V input, 0.9~5V and 4A Output Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM12C0A0R04FA Fiches technique(HTML) 6 Page - Delta Electronics, Inc.

Back Button IPM12C0A0R04FA Datasheet HTML 2Page - Delta Electronics, Inc. IPM12C0A0R04FA Datasheet HTML 3Page - Delta Electronics, Inc. IPM12C0A0R04FA Datasheet HTML 4Page - Delta Electronics, Inc. IPM12C0A0R04FA Datasheet HTML 5Page - Delta Electronics, Inc. IPM12C0A0R04FA Datasheet HTML 6Page - Delta Electronics, Inc. IPM12C0A0R04FA Datasheet HTML 7Page - Delta Electronics, Inc. IPM12C0A0R04FA Datasheet HTML 8Page - Delta Electronics, Inc. IPM12C0A0R04FA Datasheet HTML 9Page - Delta Electronics, Inc. IPM12C0A0R04FA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DS_IPM12C0A0R04_08242006
6
ELECTRICAL CHARACTERISTICS CURVES
Figure 19:
Remote turn on delay time at 12vin, 0.9V/4A
out
Figure 20:
Remote turn on delay time at 12vin, 5.0V/4A
out
Figure 21: Turn on delay at 12vin, 0.9V/4A out with
application of Vin
Figure 22: Turn on delay at 12vin, 5.0V/4A out with
application of Vin
Figure 23: Typical transient response to step load change at
2.5A/µS from 100% to 50% of Io, max at 12Vin, 5.0V out
(measurement with a 1uF ceramic and a 10µF tantalum)
Figure 24: Typical transient response to step load change at
2.5A/µS from 50% to 100% of Io, max at 12Vin, 5.0V out
(measurement with a 1uF ceramic and a 10µF tantalu)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
IPM04C0A0R06FA Delphi Series IPM Non-Isolated Integrated Point-of-Load Power Modules: 3V~5.5V input 0.8~3.3V and 6A Output Current 1  2  3  4  5  More Delta Electronics, Inc.
IPM04S0A0R10FA Delphi Series IPM Non-Isolated Integrated Point-of-Load Power Modules: 3V~5.5V input 0.8~3.3V and 10A Output Current 1  2  3  4  5  More Delta Electronics, Inc.
FL75L10A Delphi Series Filter Module 75Vdc max input 10A max output current 1  2  3  4  5  More Delta Electronics, Inc.
FL75L20A Delphi Series Filter Module 75Vdc max input 20A max output current The Delphi series FL75L20 A filter module is the latest offering 1  2  3  4  5  More Delta Electronics, Inc.
DNL04S0A0R16PFA Delphi DNL Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin 0.75-3.3V/16A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH05020 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 5V/20A out 1  2  3  4  5  More Delta Electronics, Inc.
H48SV3R310 Delphi Series H48SV 150W Half Brick Family DC/DC Power Modules: 48V in 3.3V/10A out 1  2  3  4  5  More Delta Electronics, Inc.
DNL10S0A0R16PFD Delphi DNL Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin 0.75-5.0V/16A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH12010 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 12V/10A out 1  2  3  4  5  More Delta Electronics, Inc.
DNM04S0A0R10PFA Delphi DNM Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin 0.75-3.3V/10A out 1  2  3  4  5  More Delta Electronics, Inc.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn