Moteur de recherche de fiches techniques de composants électroniques |
|
UC3843BNG Fiches technique(PDF) 2 Page - ON Semiconductor |
|
UC3843BNG Fiches technique(HTML) 2 Page - ON Semiconductor |
2 / 21 page UC3842B, UC3843B, UC2842B, UC2843B, NCV3843BV http://onsemi.com 2 MAXIMUM RATINGS Rating Symbol Value Unit Bias and Driver Voltages (Zero Series Impedance, see also Total Device spec) VCC, VC 30 V Total Power Supply and Zener Current (ICC + IZ) 30 mA Output Current, Source or Sink IO 1.0 A Output Energy (Capacitive Load per Cycle) W 5.0 mJ Current Sense and Voltage Feedback Inputs Vin − 0.3 to + 5.5 V Error Amp Output Sink Current IO 10 mA Power Dissipation and Thermal Characteristics D Suffix, Plastic Package, SOIC−14 Case 751A Maximum Power Dissipation @ TA = 25°C Thermal Resistance, Junction−to−Air D1 Suffix, Plastic Package, SOIC−8 Case 751 Maximum Power Dissipation @ TA = 25°C Thermal Resistance, Junction−to−Air N Suffix, Plastic Package, Case 626 Maximum Power Dissipation @ TA = 25°C Thermal Resistance, Junction−to−Air PD RqJA PD RqJA PD RqJA 862 145 702 178 1.25 100 mW °C/W mW °C/W W °C/W Operating Junction Temperature TJ +150 °C Operating Ambient Temperature UC3842B, UC3843B UC2842B, UC2843B UC3842BV, UC3843BV NCV3843BV TA 0 to 70 − 25 to + 85 −40 to +105 −40 to +125 °C Storage Temperature Range Tstg − 65 to +150 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. |
Numéro de pièce similaire - UC3843BNG |
|
Description similaire - UC3843BNG |