Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

IPM04S0A0R10FA Fiches technique(PDF) 6 Page - Delta Electronics, Inc.

No de pièce IPM04S0A0R10FA
Description  Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 3V~5.5V input, 0.8~3.3V and 10A Output Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM04S0A0R10FA Fiches technique(HTML) 6 Page - Delta Electronics, Inc.

Back Button IPM04S0A0R10FA Datasheet HTML 2Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 3Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 4Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 5Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 6Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 7Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 8Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 9Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DS_IPM04S0A010_12182006
6
ELECTRICAL CHARACTERISTICS CURVES
Figure 19: Turn on delay at 5.0vin, 0.9V/10A out
with application of Vin
Figure 20: Turn on delay at 5.0vin, 3.3V/10A out
with application of Vin
Figure 21: Typical transient response to step load change at
0.5A/µS from 0% to 50% of Io, max at 5.0Vin,
2.5V out
(measurement with a 1uF ceramic
and a 10µF tantalum
Figure 22: Typical transient response to step load change at
0.5A/µS from 50% to 0% of Io, max at 5.0Vin,
2.5V out
(measurement with a 1uF ceramic
and a 10µF tantalu)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
IPM04C0A0R06FA Delphi Series IPM Non-Isolated Integrated Point-of-Load Power Modules: 3V~5.5V input 0.8~3.3V and 6A Output Current 1  2  3  4  5  More Delta Electronics, Inc.
FL75L10A Delphi Series Filter Module 75Vdc max input 10A max output current 1  2  3  4  5  More Delta Electronics, Inc.
FL75L20A Delphi Series Filter Module 75Vdc max input 20A max output current The Delphi series FL75L20 A filter module is the latest offering 1  2  3  4  5  More Delta Electronics, Inc.
E24SR3R320 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 3.3V/20A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SR1R825 Delphi Series E48SR 66W Eighth Brick Family DC/DC Power Modules: 48V in 1.8V/25A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR05012 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 5V/12A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SR2R520 Delphi Series E48SR 66W Eighth Brick Family DC/DC Power Modules: 48V in 2.5V/20A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR06508 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 6.5V/8A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SR3R320 Delphi Series E48SR 66W Eighth Brick Family DC/DC Power Modules: 48V in 3.3V/20A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR12005 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 12V/5A out 1  2  3  4  5  More Delta Electronics, Inc.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn