Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

IPM04S0A0R10FA Fiches technique(PDF) 1 Page - Delta Electronics, Inc.

No de pièce IPM04S0A0R10FA
Description  Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 3V~5.5V input, 0.8~3.3V and 10A Output Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM04S0A0R10FA Fiches technique(HTML) 1 Page - Delta Electronics, Inc.

  IPM04S0A0R10FA Datasheet HTML 1Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 2Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 3Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 4Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 5Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 6Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 7Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 8Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Delphi Series IPM, Non-Isolated, Integrated
Point-of-Load Power Modules: 3V~5.5V input,
0.8~3.3V and 10A Output Current
The
Delphi
Series
IPM04S
non-isolated,
fully
integrated
Point-of-Load (POL) power modules, are the latest offerings from a
world leader in power supply technology and manufacturing ― Delta
Electronics, Inc. This product family provides up to 10A of output
current or 33W of output power in an industry standard, compact,
IC-like, molded package. It is highly integrated and does not require
external components to provide the point-of-load function. A copper
pad on the back of the module, in close contact with the internal heat
dissipation components, provides excellent thermal performance.
The assembly process of the modules is fully automated with no
manual assembly involved. These converters possess outstanding
electrical and thermal performance, as well as extremely high
reliability under highly stressful operating conditions. IPM04S
operate from a 3V~5.5V source and provide a programmable output
voltage of 0.8V~3.3V. The IPM product family is available in both a
SMD or SIP package. IPM family is also available for input 8V~14V,
please refer to IPM12S datasheet for details.
OPTIONS
SMD or SIP package
APPLICATIONS
Telecom/DataCom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial/Test Equipment
FEATURES
High efficiency: 94% @ 5.0Vin, 3.3V/10A out
Small size and low profile:
17.8x15.0x7.8mm (0.70”x0.59”x0.31”)
Output voltage adjustment: 0.9V~3.3V
Monotonic startup into normal and
pre-biased loads
Input UVLO, output OCP
Remote ON/OFF
Output short circuit protection
Fixed frequency operation
Copper pad to provide excellent thermal
performance
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
UL/cUL 60950 (US & Canada) Recognized,
and TUV (EN60950) Certified
CE mark meets 73/23/EEC and 93/68/EEC
directives
DATASHEET
IPM04S0A0R/S10_12182006
Delta Electronics, Inc.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
IPM04C0A0R06FA Delphi Series IPM Non-Isolated Integrated Point-of-Load Power Modules: 3V~5.5V input 0.8~3.3V and 6A Output Current 1  2  3  4  5  More Delta Electronics, Inc.
FL75L10A Delphi Series Filter Module 75Vdc max input 10A max output current 1  2  3  4  5  More Delta Electronics, Inc.
FL75L20A Delphi Series Filter Module 75Vdc max input 20A max output current The Delphi series FL75L20 A filter module is the latest offering 1  2  3  4  5  More Delta Electronics, Inc.
E24SR3R320 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 3.3V/20A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SR1R825 Delphi Series E48SR 66W Eighth Brick Family DC/DC Power Modules: 48V in 1.8V/25A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR05012 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 5V/12A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SR2R520 Delphi Series E48SR 66W Eighth Brick Family DC/DC Power Modules: 48V in 2.5V/20A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR06508 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 6.5V/8A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SR3R320 Delphi Series E48SR 66W Eighth Brick Family DC/DC Power Modules: 48V in 3.3V/20A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR12005 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 12V/5A out 1  2  3  4  5  More Delta Electronics, Inc.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn