Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3842ADR2 Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce UC3842ADR2
Description  High Performance Current Mode Controllers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3842ADR2 Fiches technique(HTML) 5 Page - ON Semiconductor

  UC3842ADR2 Datasheet HTML 1Page - ON Semiconductor UC3842ADR2 Datasheet HTML 2Page - ON Semiconductor UC3842ADR2 Datasheet HTML 3Page - ON Semiconductor UC3842ADR2 Datasheet HTML 4Page - ON Semiconductor UC3842ADR2 Datasheet HTML 5Page - ON Semiconductor UC3842ADR2 Datasheet HTML 6Page - ON Semiconductor UC3842ADR2 Datasheet HTML 7Page - ON Semiconductor UC3842ADR2 Datasheet HTML 8Page - ON Semiconductor UC3842ADR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
UC3842A, UC3843A, UC2842A, UC2843A
http://onsemi.com
5
Figure 2. Timing Resistor versus
Oscillator Frequency
Figure 3. Output Deadtime versus
Oscillator Frequency
Figure 4. Oscillator Discharge Current
versus Temperature
Figure 5. Maximum Output Duty Cycle
versus Timing Resistor
Figure 6. Error Amp Small Signal
Transient Response
Figure 7. Error Amp Large Signal
Transient Response
0.5
ms/DIV
VCC = 15 V
AV = −1.0
TA = 25°C
10 k
20 k
50 k
100 k
200 k
500 k
1.0 M
fOSC, OSCILLATOR FREQUENCY (Hz)
VCC = 15 V
TA = 25°C
10 k
20 k
50 k
100 k
200 k
500 k
1.0 M
fOSC, OSCILLATOR FREQUENCY (Hz)
VCC = 15 V
TA = 25°C
−55
−25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
VCC = 15 V
VOSC = 2.0 V
RT, TIMING RESISTOR (W)
800
1.0 k
2.0 k
3.0 k
4.0 k
6.0 k
8.0 k
VCC = 15 V
CT = 3.3 nF
TA = 25°C
Idischg = 9.5 mA
Idischg = 7.2 mA
2.55 V
2.5 V
2.45 V
VCC = 15 V
AV = −1.0
TA = 25°C
0.1
ms/DIV
2.5 V
3.0 V
2.0 V
80
50
20
8.0
5.0
2.0
0.8
100
50
20
10
5.0
2.0
1.0
9.0
8.5
8.0
7.5
7.0
100
90
80
70
60
50
40


Numéro de pièce similaire - UC3842ADR2

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
UC3842AD MOTOROLA-UC3842AD Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842AD ONSEMI-UC3842AD Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
Texas Instruments
UC3842AD TI-UC3842AD Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
logo
Fairchild Semiconductor
UC3842AD FAIRCHILD-UC3842AD Datasheet
42Kb / 8P
   SMPS Controller
logo
Microsemi Corporation
UC3842AD MICROSEMI-UC3842AD Datasheet
227Kb / 8P
   CURRENT MODE PWM CONTROLLER
More results

Description similaire - UC3842ADR2

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com