Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA0372BDP1G Fiches technique(PDF) 8 Page - ON Semiconductor

No de pièce TCA0372BDP1G
Description  1.0 A Output Current, Dual Power Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCA0372BDP1G Fiches technique(HTML) 8 Page - ON Semiconductor

Back Button TCA0372BDP1G Datasheet HTML 2Page - ON Semiconductor TCA0372BDP1G Datasheet HTML 3Page - ON Semiconductor TCA0372BDP1G Datasheet HTML 4Page - ON Semiconductor TCA0372BDP1G Datasheet HTML 5Page - ON Semiconductor TCA0372BDP1G Datasheet HTML 6Page - ON Semiconductor TCA0372BDP1G Datasheet HTML 7Page - ON Semiconductor TCA0372BDP1G Datasheet HTML 8Page - ON Semiconductor TCA0372BDP1G Datasheet HTML 9Page - ON Semiconductor TCA0372BDP1G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TCA0372, TCA0372B
http://onsemi.com
8
PACKAGE DIMENSIONS
PDIP−8
DP1 SUFFIX
CASE 626−05
ISSUE L
NOTES:
1. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
2. PACKAGE CONTOUR OPTIONAL (ROUND OR
SQUARE CORNERS).
3. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
14
5
8
F
NOTE 2
−A−
−B−
−T−
SEATING
PLANE
H
J
G
D
K
N
C
L
M
M
A
M
0.13 (0.005)
B M
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
9.40
10.16
0.370
0.400
B
6.10
6.60
0.240
0.260
C
3.94
4.45
0.155
0.175
D
0.38
0.51
0.015
0.020
F
1.02
1.78
0.040
0.070
G
2.54 BSC
0.100 BSC
H
0.76
1.27
0.030
0.050
J
0.20
0.30
0.008
0.012
K
2.92
3.43
0.115
0.135
L
7.62 BSC
0.300 BSC
M
−−−
10
−−−
10
N
0.76
1.01
0.030
0.040
__
PDIP−16
DP2 SUFFIX
CASE 648−08
ISSUE T
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS
WHEN FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE
MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
−A−
B
F
C
S
H
G
D
J
L
M
16 PL
SEATING
18
9
16
K
PLANE
−T−
M
A
M
0.25 (0.010)
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.740
0.770
18.80
19.55
B
0.250
0.270
6.35
6.85
C
0.145
0.175
3.69
4.44
D
0.015
0.021
0.39
0.53
F
0.040
0.70
1.02
1.77
G
0.100 BSC
2.54 BSC
H
0.050 BSC
1.27 BSC
J
0.008
0.015
0.21
0.38
K
0.110
0.130
2.80
3.30
L
0.295
0.305
7.50
7.74
M
0
10
0
10
S
0.020
0.040
0.51
1.01
_
_
_
_


Numéro de pièce similaire - TCA0372BDP1G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
TCA0372B ONSEMI-TCA0372B Datasheet
188Kb / 10P
   1.0 A Output Current, Dual Power Operational Amplifiers
May, 2013 ??Rev. 11
More results

Description similaire - TCA0372BDP1G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCV0372BDWR2G ONSEMI-NCV0372BDWR2G Datasheet
188Kb / 10P
   1.0 A Output Current, Dual Power Operational Amplifiers
May, 2013 ??Rev. 11
NCS2372 ONSEMI-NCS2372 Datasheet
151Kb / 6P
   1.0 A Output Current Dual Power Operational Amplifiers
July, 2013 ??Rev. 1
logo
Panasonic Semiconductor
AN6567 PANASONIC-AN6567 Datasheet
32Kb / 4P
   Dual High Output Current Operational Amplifiers
logo
Mitsubishi Electric Sem...
M5216 MITSUBISHI-M5216 Datasheet
271Kb / 4P
   Dual Large-Current Operational Amplifiers(Dual Power Supply Type)
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272 Datasheet
110Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA74 APEX-PA74 Datasheet
288Kb / 4P
   POWER DUAL OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA21 ETC-PA21 Datasheet
84Kb / 5P
   POWER DUAL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272_03 Datasheet
889Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
L272D013TR STMICROELECTRONICS-L272D013TR Datasheet
898Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA74 CIRRUS-PA74 Datasheet
212Kb / 5P
   Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com