Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

IPM04C0A0R06FA Fiches technique(PDF) 2 Page - Delta Electronics, Inc.

No de pièce IPM04C0A0R06FA
Description  Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 3V~5.5V input, 0.8~3.3V and 6A Output Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM04C0A0R06FA Fiches technique(HTML) 2 Page - Delta Electronics, Inc.

  IPM04C0A0R06FA Datasheet HTML 1Page - Delta Electronics, Inc. IPM04C0A0R06FA Datasheet HTML 2Page - Delta Electronics, Inc. IPM04C0A0R06FA Datasheet HTML 3Page - Delta Electronics, Inc. IPM04C0A0R06FA Datasheet HTML 4Page - Delta Electronics, Inc. IPM04C0A0R06FA Datasheet HTML 5Page - Delta Electronics, Inc. IPM04C0A0R06FA Datasheet HTML 6Page - Delta Electronics, Inc. IPM04C0A0R06FA Datasheet HTML 7Page - Delta Electronics, Inc. IPM04C0A0R06FA Datasheet HTML 8Page - Delta Electronics, Inc. IPM04C0A0R06FA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DS_IPM04C0A0R06_08242006
2
TECHNICAL SPECIFICATIONS
TA = 25°C, airflow rate = 300 LFM, Vin = 5.0Vdc, nominal Vout unless otherwise noted.
PARAMETER
NOTES and CONDITIONS
IPM04C0A0R/S06FA
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
0
6
Vdc
Operating Temperature
Refer to figure 33 for measuring point
-40
116
°C
Storage Temperature
-55
125
°C
INPUT CHARACTERISTICS
Operating Input Voltage
3.0
3.3/5.0
5.5
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
2.4
2.7
V
Turn-Off Voltage Threshold
2.1
2.4
V
Maximum Input Current
Vin=Vin,min to Vin,max, Io=Io,max
7.0
A
No-Load Input Current
100
mA
Off Converter Input Current
3
10
mA
Input Reflected-Ripple Current
P-P 1µH inductor, 5Hz to 20MHz
100
150
mAp-p
Input Voltage Ripple Rejection
120 Hz
TBD
dB
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=5.0V, Io=Io,max,
0.889
0.900
0.911
% Vo,set
Output Voltage Adjustable Range
0.8
3.3
V
Output Voltage Regulation
Over Line
Vin=Vin,min to Vin,max
10
mV
Over Load
Io=Io,min to Io,max
10
mV
Over Temperature
Ta=-40°
C to 85°C
15
mV
Total Output Voltage Range
Over sample load, line and temperature
-3.0
+3.0
% Vo,set
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic, 10µF tantalum
50
100
mVp-p
RMS
Full Load, 1µF ceramic, 10µF tantalum
10
15
mV
Output Current Range
0
6
A
Output Voltage Over-shoot at Start-up
Vin=3.0V to 5.5V, Io=0A to 6A,
0
3
% Vo,set
Output DC Current-Limit Inception
200
% Io
DYNAMIC CHARACTERISTICS
Dynamic Load Response
10µF Tan & 1µF Ceramic load cap, 0.5A/µs
Positive Step Change in Output Current
50% Io, max to 100% Io, max
150
190
mVpk
Negative Step Change in Output Current
100% Io, max to 50% Io, max
150
190
mVpk
Setting Time to 10% of Peak Devitation
25
50
µs
Turn-On Transient
Io=Io.max
Start-Up Time, From On/Off Control
5
12
20
ms
Start-Up Time, From Input
5
12
20
ms
Output Voltage Rise Time
Time for Vo to rise from 10% to 90% of Vo,set,
5
10
ms
Maximum Output Startup Capacitive Load
Full load; ESR ≧1mΩ
1000
µF
Full load; ESR ≧10mΩ
5000
µF
EFFICIENCY
Vo=0.9V
Vin=5.0V, Io=Io,max,
80.0
%
Vo=1.2V
Vin=5.0V, Io=Io,max,
83.0
%
Vo=1.5V
Vin=5.0V, Io=Io,max,
86.0
%
Vo=1.8V
Vin=5.0V, Io=Io,max,
88.0
%
Vo=2.5V
Vin=5.0V, Io=Io,max,
91.0
%
Vo=3.3V
Vin=5.0V, Io=Io,max,
93.0
%
FEATURE CHARACTERISTICS
Switching Frequency
300
kHz
ON/OFF Control, (Logic High-Module ON)
Logic High
Module On
2.2
Vin,max
V
Logic Low
Module Off
-0.2
0.8
V
ON/OFF Current
Ion/off at Von/off=0
0.25
1
mA
Leakage Current
Logic High, Von/off=5V
50
µA
GENERAL SPECIFICATIONS
MTBF
Io=80% Io,max,
30.3
M hours
Weight
6
grams


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
FL75L10A Delphi Series Filter Module 75Vdc max input 10A max output current 1  2  3  4  5  More Delta Electronics, Inc.
FL75L20A Delphi Series Filter Module 75Vdc max input 20A max output current The Delphi series FL75L20 A filter module is the latest offering 1  2  3  4  5  More Delta Electronics, Inc.
E36SR05015 Delphi Series E36SR 75W Eighth Brick Family DC/DC Power Modules: 18~75V in 5V/15A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SR12006 Delphi Series E48SR12006 72W Eighth Brick DC/DC Power Modules: 48V in 12V/6A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SB9R625 Delphi Series E48SB 240W Eighth Brick Bus Converter DC/DC Power Modules: 48Vin 9.6V/25A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SR12007 Delphi Series E48SR12007 84W Eighth Brick DC/DC Power Modules: 48V in 12V/7A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH1R250 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 1.2V/50A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SR15004 Delphi Series E48SR 66W Eighth Brick Family DC/DC Power Modules: 48V in 15V/4A out 1  2  3  4  5  More Delta Electronics, Inc.
FL75L05A Delphi Series Filter Module 75Vdc input 5A current Rating 1  2  3  4  5  More Delta Electronics, Inc.
E48SH1R540 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 1.5V/40A out 1  2  3  4  5  More Delta Electronics, Inc.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn