Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IPM04C0A0R06FA Fiches technique(PDF) 7 Page - Delta Electronics, Inc.

No de pièce IPM04C0A0R06FA
Description  Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 3V~5.5V input, 0.8~3.3V and 6A Output Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM04C0A0R06FA Fiches technique(HTML) 7 Page - Delta Electronics, Inc.

Back Button IPM04C0A0R06FA Datasheet HTML 3Page - Delta Electronics, Inc. IPM04C0A0R06FA Datasheet HTML 4Page - Delta Electronics, Inc. IPM04C0A0R06FA Datasheet HTML 5Page - Delta Electronics, Inc. IPM04C0A0R06FA Datasheet HTML 6Page - Delta Electronics, Inc. IPM04C0A0R06FA Datasheet HTML 7Page - Delta Electronics, Inc. IPM04C0A0R06FA Datasheet HTML 8Page - Delta Electronics, Inc. IPM04C0A0R06FA Datasheet HTML 9Page - Delta Electronics, Inc. IPM04C0A0R06FA Datasheet HTML 10Page - Delta Electronics, Inc. IPM04C0A0R06FA Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DS_IPM04C0A0R06_08242006
7
TEST CONFIGURATIONS
VI(+)
VI(-)
BATTERY
2 100uF
Tantalum
L
TO OSCILLOSCOPE
Note: Input reflected-ripple current is measured with a
simulated
source
inductance.
Current
is
measured at the input of the module.
Figure 23: Input reflected-ripple current test setup
Vo
GND
COPPER STRIP
10uF
tantalum
1uF
ceramic
SCOPE
Resistive
Load
Note: Use a 10µF tantalum and 1µF capacitor. Scope
measurement should be made using a BNC
connector.
Figure 24: Peak-peak output noise and startup transient
measurement test setup
SUPPLY
II
VI
Vo
GND
Io
LOAD
CONTACT AND
DISTRIBUTION LOSSES
CONTACT RESISTANCE
Figure 25: Output voltage and efficiency measurement test
setup
Note: All measurements are taken at the module
terminals. When the module is not soldered (via
socket), place Kelvin connections at module
terminals to avoid measurement errors due to
contact resistance.
%
100
)
(
×
×
×
=
Ii
Vi
Io
Vo
η
DESIGN CONSIDERATIONS
Input Source Impedance
To maintain low-noise and ripple at the input voltage, it is
critical to use low ESR capacitors at the input to the
module. Figure 26 shows the input ripple voltage
(mVp-p) for various output models using 2x100 uF low
ESR tantalum capacitors (KEMET P/N:T491D107M,
100uF/16V or equivalent) or 2x22 uF very low ESR
ceramic capacitors (TDK P/N:C3225X7S1C226MT,
22uF/16V or equivalent).
The input capacitance should be able to handle an AC
ripple current of at least:
Arms
Vin
Vout
Vin
Vout
Iout
Irms
⎛ −
=
1
0
50
100
150
200
250
300
01234
OutputVoltage(Vdc)
Tantalum
Ceramic
Figure 26: Input ripple voltage for various output models,
Io = 6A (Cin = 2x100uF tantalum capacitors or
2x22uF ceramic capacitors at the input)
The power module should be connected to a low
ac-impedance input source. Highly inductive source
impedances can affect the stability of the module. An
input capacitance must be placed close to the modules
input pins to filter ripple current and ensure module
stability in the presence of inductive traces that supply
the input voltage to the module.


Numéro de pièce similaire - IPM04C0A0R06FA

FabricantNo de pièceFiches techniqueDescription
logo
Delta Electronics, Inc.
IPM04C0A0R06FA DELTA-IPM04C0A0R06FA Datasheet
765Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~14V input, 0.9~5V and 4A Output Current
IPM04C0A0R06FA DELTA-IPM04C0A0R06FA Datasheet
666Kb / 16P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules
IPM04C0A0R06FA DELTA-IPM04C0A0R06FA Datasheet
741Kb / 15P
   Copper pad to provide excellent thermal performance
IPM04C0A0R06FA DELTA-IPM04C0A0R06FA Datasheet
769Kb / 15P
   Output short circuit protection
More results

Description similaire - IPM04C0A0R06FA

FabricantNo de pièceFiches techniqueDescription
logo
Delta Electronics, Inc.
IPM04S0A0R10FA DELTA-IPM04S0A0R10FA Datasheet
644Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 3V~5.5V input, 0.8~3.3V and 10A Output Current
IPM12C0A0R04FA DELTA-IPM12C0A0R04FA_14 Datasheet
666Kb / 16P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules
IPM12S0A0R08FA DELTA-IPM12S0A0R08FA Datasheet
656Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~14V input, 0.8~5V and 8A Output Current
IPM12C0A0R04FA DELTA-IPM12C0A0R04FA Datasheet
765Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~14V input, 0.9~5V and 4A Output Current
IPM24S0A0S DELTA-IPM24S0A0S Datasheet
595Kb / 15P
   Delphi Series IPM24S0A0, Non-Isolated Integrated Point-of-Load Power Modules
IPM24S0C0SR03FA DELTA-IPM24S0C0SR03FA Datasheet
488Kb / 12P
   Delphi Series IPM24S0C0, Non-Isolated,Integrated Point-of-Load Power Modules
IPM24S0A0R03FA DELTA-IPM24S0A0R03FA Datasheet
780Kb / 15P
   Delphi Series IPM24S0A0, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~36V input, 1.2~2.5V and 3A Output
IPM24S0B0R03FA DELTA-IPM24S0B0R03FA Datasheet
766Kb / 14P
   Delphi Series IPM24S0B0, Non-Isolated, Integrated Point-of-Load Power Modules: 11V~36V input, 3.3~6.5V and 3A Output
IPM24S0C0R03FA DELTA-IPM24S0C0R03FA Datasheet
710Kb / 12P
   Delphi Series IPM24S0C0, Non-Isolated, Integrated Point-of-Load Power Modules: 20V~36V input, 8.0~15.0V and 3A Output
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD_14 Datasheet
744Kb / 17P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com