Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

H24SN28012NRFA Fiches technique(PDF) 3 Page - Delta Electronics, Inc.

No de pièce H24SN28012NRFA
Description  Delphi Series H24SN, 350W Half Brick Family DC/DC Power Modules: 18~36Vin, 28V/12.5A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

H24SN28012NRFA Fiches technique(HTML) 3 Page - Delta Electronics, Inc.

  H24SN28012NRFA Datasheet HTML 1Page - Delta Electronics, Inc. H24SN28012NRFA Datasheet HTML 2Page - Delta Electronics, Inc. H24SN28012NRFA Datasheet HTML 3Page - Delta Electronics, Inc. H24SN28012NRFA Datasheet HTML 4Page - Delta Electronics, Inc. H24SN28012NRFA Datasheet HTML 5Page - Delta Electronics, Inc. H24SN28012NRFA Datasheet HTML 6Page - Delta Electronics, Inc. H24SN28012NRFA Datasheet HTML 7Page - Delta Electronics, Inc. H24SN28012NRFA Datasheet HTML 8Page - Delta Electronics, Inc. H24SN28012NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ELECTRICAL CHARACTERISTICS CURVES
Figure 1: Efficiency vs. load current for minimum, nominal, and
maximum input voltage at 25°C.
Figure 2: Power dissipation vs. load current for minimum,
nominal, and maximum input voltage at 25°C.
Figure 3: Input current vs. output current at low line, nominal
line, and high line.
Figure 4: Typical input characteristics at room temperature
H24SN28012_07272006
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
E48SR1R525 Delphi Series E48SR 66W Eighth Brick Family DC/DC Power Modules: 48V in 1.5V/25A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR3R320 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 3.3V/20A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SR1R825 Delphi Series E48SR 66W Eighth Brick Family DC/DC Power Modules: 48V in 1.8V/25A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR05012 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 5V/12A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SR2R520 Delphi Series E48SR 66W Eighth Brick Family DC/DC Power Modules: 48V in 2.5V/20A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR06508 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 6.5V/8A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SR3R320 Delphi Series E48SR 66W Eighth Brick Family DC/DC Power Modules: 48V in 3.3V/20A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR12005 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 12V/5A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SR05012 Delphi Series E48SR 66W Eighth Brick Family DC/DC Power Modules: 48V in 5.0V/12A out 1  2  3  4  5  More Delta Electronics, Inc.
E36SR3R320 Delphi Series E36SR Eighth Brick Family DC/DC Power Modules: 18~75V in 3.3V/20A out 1  2  3  4  5  More Delta Electronics, Inc.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn