Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FL75L20A Fiches technique(PDF) 6 Page - Delta Electronics, Inc.

No de pièce FL75L20A
Description  Delphi Series Filter Module 75Vdc max input, 20A max output current The Delphi series FL75L20 A filter module is the latest offering
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FL75L20A Fiches technique(HTML) 6 Page - Delta Electronics, Inc.

  FL75L20A Datasheet HTML 1Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 2Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 3Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 4Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 5Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 6Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Figure 10 shows the experimental result obtained by using this filter module, together with the recommended external
components shown in Figures 5 and 6. The Q48SR3R335NR module is one of the Delphi series quarter brick 3.3V, 35A
DCDC converters. Measured noise is greatly dependent on layout, grounding, cable orientation, and load characteristics
and the variation is possible from various application conditions.
Figure 10. Q48SR3R335NR A conducted noise with FL75L20 input filter
MECHANICAL DRAWING
Top View
Side View
Bottom View
Dimensions are in millimeter and (inches).
Tolerances : x.xx ± 0.5 mm (0.02 in), x.xxx ± 0.25 mm (0.010 in)
RECOMMENDED HOLE PATTERN
Dimensions are in millimeter and (inches).
Tolerances : x.xx ± 0.5 mm (0.02 in), x.xxx ± 0.25 mm (0.010 in)
6


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn