Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FL75L10A Fiches technique(PDF) 3 Page - Delta Electronics, Inc.

No de pièce FL75L10A
Description  Delphi Series Filter Module 0~75Vdc input, 7A Current Rating
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FL75L10A Fiches technique(HTML) 3 Page - Delta Electronics, Inc.

  FL75L10A Datasheet HTML 1Page - Delta Electronics, Inc. FL75L10A Datasheet HTML 2Page - Delta Electronics, Inc. FL75L10A Datasheet HTML 3Page - Delta Electronics, Inc. FL75L10A Datasheet HTML 4Page - Delta Electronics, Inc. FL75L10A Datasheet HTML 5Page - Delta Electronics, Inc. FL75L10A Datasheet HTML 6Page - Delta Electronics, Inc. FL75L10A Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DS_FL75L07_11272006
3
THERMAL CONSIDERATIONS
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s filter modules are characterized in heated
vertical
wind
tunnels
that
simulate
the
thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in which
the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The filter module is mounted on
a test PWB and is vertically positioned within the wind
tunnel. The space between the neighboring PWB and
the top of the power module is 6.35mm (0.25”).
Thermal Derating
Heat can be removed by increasing airflow over the
module. Figure 4 shows maximum output is a function of
ambient temperature and airflow rate. To enhance
system reliability, the power module should always be
operated below the maximum operating temperature. If
the
temperature
exceeds
the
maximum
module
temperature, reliability of the unit may be affected.
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
10 (0.4”)
MODULE
AIR FLOW
50.8 (2.0”)
FACING PWB
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED BELOW
THE MODULE
Figure 4: Wind tunnel test setup
THERMAL CURVES
Figure 5: Temperature measurement location
The allowed maximum hot spot temperature is defined at 115
FL75L07 A (Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vin = 48V (Either Orientation)
0
1
2
3
4
5
6
7
8
25
35
45
55
65
75
85
Ambient Temperature (℃)
Output Current (A)
300LFM
Natural
Convectio
200LFM
100LFM
Figure 6: Output Current vs. Ambient Temperature and Air
Velocity @ Vin = 48V (Either Orientation)


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn