Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

E48SR1R225 Fiches technique(PDF) 1 Page - Delta Electronics, Inc.

No de pièce E48SR1R225
Description  Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SR1R225 Fiches technique(HTML) 1 Page - Delta Electronics, Inc.

  E48SR1R225 Datasheet HTML 1Page - Delta Electronics, Inc. E48SR1R225 Datasheet HTML 2Page - Delta Electronics, Inc. E48SR1R225 Datasheet HTML 3Page - Delta Electronics, Inc. E48SR1R225 Datasheet HTML 4Page - Delta Electronics, Inc. E48SR1R225 Datasheet HTML 5Page - Delta Electronics, Inc. E48SR1R225 Datasheet HTML 6Page - Delta Electronics, Inc. E48SR1R225 Datasheet HTML 7Page - Delta Electronics, Inc. E48SR1R225 Datasheet HTML 8Page - Delta Electronics, Inc. E48SR1R225 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FEATURES
High Efficiency: 88% @ 1.2V/25A
Size: 58.4mm x 22.8mm x 8.35mm
(2.30”x0.90”x0.33”)
Industry standard pin out
SMT and through-hole versions
Fixed frequency operation: 350KHz
Input UVLO, Output OCP, OVP, OTP
1500V isolation
Basic insulation
No minimum load required
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing
facility
UL/cUL 60950 (US & Canada)
Recognized, and TUV (EN60950)
Certified
CE mark meets 73/23/EEC and
93/68/EEC directives
Delphi Series E48SR, 66W Eighth Brick Family
DC/DC Power Modules: 48V in, 1.2V/25A out
The Delphi Series E48SR Eighth Brick, 48V input, single output, isolated
DC/DC converter is the latest offering from a world leader in power
systems technology and manufacturing — Delta Electronics, Inc. This
product family is available in a surface mount or through-hole package
and provides up to 66 watts of power or 25A of output current (1.8V and
below) in an industry standard footprint. With creative design technology
and optimization of component placement, these converters possess
outstanding electrical and thermal performances, as well as extremely
high reliability under highly stressful operating conditions. All models are
fully protected from abnormal input/output voltage, current, and
temperature conditions. The Delphi Series converters meet all safety
requirements with basic insulation.
OPTIONS
SMT or through-hole version
Positive On/Off logic
Short pin lengths available
APPLICATIONS
Telecom/Datacom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial/Testing Equipment
DATASHEET
DS_E48SR1R225_02272007


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
E48SH1R250 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 1.2V/50A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH1R540 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 1.5V/40A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH1R840 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 1.8V/40A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH2R535 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 2.5V/35A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH3R330 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 3.3V/30A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH05020 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 5V/20A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH12010 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 12V/10A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR3R320 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 3.3V/20A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR05012 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 5V/12A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR06508 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 6.5V/8A out 1  2  3  4  5  More Delta Electronics, Inc.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn