Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

E48SH12010 Fiches technique(PDF) 1 Page - Delta Electronics, Inc.

No de pièce E48SH12010
Description  Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SH12010 Fiches technique(HTML) 1 Page - Delta Electronics, Inc.

  E48SH12010 Datasheet HTML 1Page - Delta Electronics, Inc. E48SH12010 Datasheet HTML 2Page - Delta Electronics, Inc. E48SH12010 Datasheet HTML 3Page - Delta Electronics, Inc. E48SH12010 Datasheet HTML 4Page - Delta Electronics, Inc. E48SH12010 Datasheet HTML 5Page - Delta Electronics, Inc. E48SH12010 Datasheet HTML 6Page - Delta Electronics, Inc. E48SH12010 Datasheet HTML 7Page - Delta Electronics, Inc. E48SH12010 Datasheet HTML 8Page - Delta Electronics, Inc. E48SH12010 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
`
FEATURES
High efficiency: 93.5% @12V/10A
Size: 58.4mm x 22.8mm x 9.5mm
(2.30”x0.90”x0.37”)
Industry standard pin out
Fixed frequency operation
Input UVLO, Output OTP, OCP, OVP
Monotonic startup into normal and
Pre-biased loads
2250V Isolation and basic insulation
No minimum load required
SMD and through-hole versions
No negative current during power or enable
on/off
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing
facility
UL/cUL 60950 (US & Canada) recognized,
and TUV (EN60950) certified
CE mark meets 73/23/EEC and 93/68/EEC
directive
Delphi Series E48SH, 120W Eighth Brick Family
DC/DC Power Modules: 48V in, 12V/10A out
The Delphi Series E48SH Eighth Brick, 48V input, single output, isolated
DC/DC converters are the latest offering from a world leader in power
systems technology and manufacturing ― Delta Electronics, Inc. This
product family is available in either a through-hole or surface-mounted
package and provides up to 120 watts of power or 50A of output current
(1.2V and below) in an industry standard footprint and pinout. The E48SH
converter operates from an input voltage of 36V to 75V and is available in
output voltages from 1.0V to 15V. Efficiency is 93.5% for the 12V output at
full load. With creative design technology and optimization of component
placement, these converters possess outstanding electrical and thermal
performance, as well as extremely high reliability under highly stressful
operating conditions. All models are fully protected from abnormal
input/output voltage, current, and temperature conditions. The Delphi Series
converters meet all safety requirements with basic insulation.
OPTIONS
Positive On/Off logic
Short pin lengths available
External Synchronization
Output OVP latch mode
Heat spreader
APPLICATIONS
Telecom/DataCom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial/Test Equipment
DATASHEET
DS_E48SH12010_02262007


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
E48SH1R250 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 1.2V/50A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH1R540 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 1.5V/40A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH1R840 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 1.8V/40A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH2R535 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 2.5V/35A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH3R330 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 3.3V/30A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH05020 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 5V/20A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR3R320 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 3.3V/20A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR05012 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 5V/12A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR06508 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 6.5V/8A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR12005 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 12V/5A out 1  2  3  4  5  More Delta Electronics, Inc.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn