Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

E48SH05020 Fiches technique(PDF) 3 Page - Delta Electronics, Inc.

No de pièce E48SH05020
Description  Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SH05020 Fiches technique(HTML) 3 Page - Delta Electronics, Inc.

  E48SH05020 Datasheet HTML 1Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 2Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 3Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 4Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 5Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 6Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 7Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 8Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ELECTRICAL CHARACTERISTICS CURVES
Figure 1: Efficiency vs. load current for minimum, nominal, and
maximum input voltage at 25°C.
Figure 2: Power dissipation vs. load current for minimum,
nominal, and maximum input voltage at 25°C.
Figure 3: Typical full load input characteristics at room
temperature.
0
0.5
1
1.5
2
2.5
3
3.5
4
30 34 38 42 46 50 54 58 62 66 70 74
INPUT VOLTAGE(V)
E48SH05020_02272007
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
E48SH1R250 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 1.2V/50A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH1R540 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 1.5V/40A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH1R840 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 1.8V/40A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH2R535 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 2.5V/35A out 1  2  3  4  5  More Delta Electronics, Inc.
E48SH3R330 Delphi Series E48SH 120W Eighth Brick Family DC/DC Power Modules: 48V in 3.3V/30A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR3R320 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 3.3V/20A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR05012 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 5V/12A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR06508 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 6.5V/8A out 1  2  3  4  5  More Delta Electronics, Inc.
E24SR12005 Delphi Series E24SR 66W Eighth Brick Family DC/DC Power Modules: 24V in 12V/5A out 1  2  3  4  5  More Delta Electronics, Inc.
E36SR3R320 Delphi Series E36SR Eighth Brick Family DC/DC Power Modules: 18~75V in 3.3V/20A out 1  2  3  4  5  More Delta Electronics, Inc.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn